Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4050 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4050
Description  Non-Isolated, High Brightness, LED Driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4050 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4050 Datasheet HTML 10Page - Monolithic Power Systems MP4050 Datasheet HTML 11Page - Monolithic Power Systems MP4050 Datasheet HTML 12Page - Monolithic Power Systems MP4050 Datasheet HTML 13Page - Monolithic Power Systems MP4050 Datasheet HTML 14Page - Monolithic Power Systems MP4050 Datasheet HTML 15Page - Monolithic Power Systems MP4050 Datasheet HTML 16Page - Monolithic Power Systems MP4050 Datasheet HTML 17Page - Monolithic Power Systems MP4050 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
MP4050 – NON-ISOLATED, HIGH BRIGHTNESS, LED DRIVER
MP4050 Rev.1.02
www.MonolithicPower.com
14
1/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Sense Resistor
The sense resistor needs to choose properly for
better output current regulation. The right
resistor guarantees stable output current
regulation
in
high
temperature
and
low
temperature conditions. The sense resistor
should have 1% tolerance. It is even better to
parallel two 1% tolerance resistors to decrease
the resistance value error further. Sense
resistor with ± 400PPM/ ℃
temperature
coefficient can be used for better output current
regulation
in
high
temperature
and
low
temperature.
Feedback Resistor
Feedback resistor is used to detect the fault
operation mode such as open lamp or short
lamp conditions. Figure 7 shows the feedback
resistors connection.
MP4050
VCC
PRO
GND
L
R2
R3
Figure 7: Feedback resistor connection
MP4050 is integrated with open lamp protection
and the over voltage protection point can be
designed as following function.
OVP
PRO
D
R2 R3
VV
(1
) V
R2
 
VD is the freewheeling diode forward voltage
drop.
The upper feedback resistor (R3) is suggested
to be larger than 100kΩ to avoid the efficiency
reduction in application. And the 1% tolerance
type is recommended to use as feedback
resistor to achieve accurate protection such
over voltage protection when open lamp.
The feedback resistor R2 could be sized down
to SMD 0603 package. Considering the
dielectric
withstanding
voltage,
R3
is
recommended to have a minimum size of SMD
1206 package.
Dummy Load
Dummy load is recommended to regulate the
output voltage low than over voltage protection
point when open lamp condition. The dummy
load is used to consume the power transferred
to output capacitor when hiccup mode without
any power consumption.
Normally less than 1mA dummy load is
suggested which not deteriorate the system
efficiency and also guarantees the normal open
lamp protection.
PRO Decoupling Capacitor
One decoupling cap is recommended to parallel
between the PRO pin and GND pin. The
floating GND pin is sensitive to the voltage
noise spike in high side Buck solution. One
ceramic capacitor is suggested to use as
decoupling capacitor to decouple the voltage
noise for more stable operation.
Around 30pF PRO decoupling capacitor could
be used in SOIC8 package application and as
for smaller package TSOT23-5, no less than
100pF decoupling capacitor is recommended.
Figure 8 shows the PRO pin decoupling
capacitor connection.
MP4050
VCC
PRO
GND
L
R2
R3
CPRO
Figure 8: Decoupling capacitor
PRO Time Constant
MP4050 detects the PRO pin voltage to judge
the fault condition when internal MOSEFET
turns off. Long rise time of the PRO pin voltage
affects MP4050 normal output voltage sample
which can not judge the open lamp immediately.
The PRO pin time constant (τ) should satisfy
the following expression to guarantee the
normal open lamp protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com