Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4054 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4054
Description  Non-isolated Offline LED Controller with Active PFC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4054 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4054 Datasheet HTML 9Page - Monolithic Power Systems MP4054 Datasheet HTML 10Page - Monolithic Power Systems MP4054 Datasheet HTML 11Page - Monolithic Power Systems MP4054 Datasheet HTML 12Page - Monolithic Power Systems MP4054 Datasheet HTML 13Page - Monolithic Power Systems MP4054 Datasheet HTML 14Page - Monolithic Power Systems MP4054 Datasheet HTML 15Page - Monolithic Power Systems MP4054 Datasheet HTML 16Page - Monolithic Power Systems MP4054 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP4054 – NON-ISOLATED OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4054 Rev. 1.0
www.MonolithicPower.com
13
12/25/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
Output Over-Voltage Protection (OVP)
Output
over-voltage
protection
prevents
component
damage
from
over-voltage
conditions.
The auxiliary winding’s positive
plateau voltage is proportional to the output
voltage; the OVP uses the auxiliary-winding
voltage instead of directly monitoring the output
voltage.
Figure 7 shows the OVP circuit. Once the ZCD
voltage is higher than 5.1V and exceeds the
OVP blanking time (during the gate turn-off
interval), the OVP signal is latched, turning the
gate driver off. When VCC drops below UVLO,
the IC restarts.
The output OVP setting point is calculated as:

AUX
ZCD2
OUT _ OVP
L
ZCD1
ZCD2
NR
V5.1V
NR
R
 VOUT_OVP—The
output
over-voltage
protection point;
 NAUX—The auxiliary winding turns;
 NL—The inductor winding turns.
R1
RZCD2
RZCD1
Gate
CS/ZCD
5.1V
+
-
Latch
OVP
Blanking time
Gate_OFF
Figure 7: OVP Sampling Unit
To prevent a voltage spike from an OVP mis-
trigger, OVP sampling has a tLEB_OVP blanking
period, typically 1.6µs when VMULT_O > 0.3V and
0.8µs when VMULT_O ≤ 0.3V (see Figure 8).
A current-limit resistor between the output of
the auxiliary winding and the ZCD resistor
divider also works as a suppresser to avoid an
OVP mis-trigger.
VCS/ZCD
0V
Sampling Here
t
LEB_OV P
Figure 8: ZCD Voltage and OVP Sampler
Output Short-Circuit Protection (SCP)
If an output short occurs, ZCD cannot detect
the zero-current-crossing signal, so the 190μs
auto-restart timer triggers the MOSFET’s turn-
on signal. The switching frequency of the power
circuit drops to about 5kHz and the output
current is limited to its nominal current. The
auxiliary-winding voltage drops to follow the
output voltage, VCC drops to less than the
UVLO threshold, and then the system restarts.
This sequence limits both the output power and
IC temperature if an output short occurs.
Over-Current Protection (OCP)
The over-current protection prevents device
damage from excessive current, such as a
inductor winding short circuit. If the CS/ZCD
voltage rises to 2.46V during the gate turn-on
interval (see Figure 9), the over-current
protection signal is latched, turning the gate
driver off. When VCC drops below UVLO, the
IC restarts.
Figure 9: OCP Sampling Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com