Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4060 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4060
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4060 Datasheet HTML 7Page - Monolithic Power Systems MP4060 Datasheet HTML 8Page - Monolithic Power Systems MP4060 Datasheet HTML 9Page - Monolithic Power Systems MP4060 Datasheet HTML 10Page - Monolithic Power Systems MP4060 Datasheet HTML 11Page - Monolithic Power Systems MP4060 Datasheet HTML 12Page - Monolithic Power Systems MP4060 Datasheet HTML 13Page - Monolithic Power Systems MP4060 Datasheet HTML 14Page - Monolithic Power Systems MP4060 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
11
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Radiated EMI
Tested by CDN,
VIN=230VAC/50Hz, Full Load
Line Regulator
VIN=198-265VAC/50Hz,Full load
Efficiency vs. VIN
VIN=198-265VAC/50Hz, Full Load
Dimming Curve
VIN=230VAC/50Hz,Full load,
with different dimmers
THD vs. VIN
VIN=198-265VAC/50Hz, Full load
PF vs. VIN
VIN=198-265VAC/50Hz, Full Load
VIN (VAC)
VIN (VAC)VIN (VAC)
Conducted EMI L-Line
VIN = 230VAC/50Hz, Full Load,
RBW = 9kHz, MT = 20ms
Conducted EMI N-Line
VIN = 230VAC/50Hz, Full Load,
RBW = 9kHz, MT = 20ms
300 MHz
30 MHz
6DB
SGL
1 PK
CLRWR
2 AV
CLRWR
TDS
6DB
9 kHz
30 MHz
SGL
1 PK
CLRWR
2 AV
CLRWR
TDS
6DB
9 kHz
30 MHz
SGL
1 PK
CLRWR
2 AV
CLRWR
TDS
198 208 218 228 238 248 258
VIN (VAC)
198 208 218 228 238 248 258
198 208 218 228 238 248 258
198 208 218 228 238 248 258
5
0
10
20
30
40
50
60
70
80
90
100
110
120
EN55015Q
EN55015A
100 kHz
1 MHz
10 MHz
S
6
T
40
100 kHz
1 MHz
10 MHz
0
10
20
30
40
50
60
70
80
90
100
110
120
EN55015Q
EN55015A
CDN_QP
0
10
20
30
40
50
60
70
80
90
100
110
120
100 MHz
0
20
40
60
80
100
120
140
160
0 102030405060708090
Leading edge
Trailing edge
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
70
71
72
73
74
75
76
77
78
79
80
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
0
5
10
15
20
25
30
35
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com