Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP5505 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5505
Description  7V, 4A, High-Efficiency Energy Storage and Management Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5505 Datasheet HTML 1Page - Monolithic Power Systems MP5505 Datasheet HTML 2Page - Monolithic Power Systems MP5505 Datasheet HTML 3Page - Monolithic Power Systems MP5505 Datasheet HTML 4Page - Monolithic Power Systems MP5505 Datasheet HTML 5Page - Monolithic Power Systems MP5505 Datasheet HTML 6Page - Monolithic Power Systems MP5505 Datasheet HTML 7Page - Monolithic Power Systems MP5505 Datasheet HTML 8Page - Monolithic Power Systems MP5505 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MP5505 – ENERGY STORAGE AND MANAGEMENT UNIT
MP5505 Rev. 1.01
www.MonolithicPower.com
3
1/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Input Supply Voltage Range
VIN
2.7
7
V
Supply Current (Shutdown)
IS
VEN=0V
2
μA
Supply Current (Quiescent)
IQ
VEN/EN1/EN2=2V, VFB1/FB2=1V
2
mA
Thermal Shutdown
(6)
TSD
150
°C
Thermal Shutdown
Hysteresis
(6)
THYS
30
°C
VIN Under Voltage Lockout
Threshold Rising
INUVR
2.5
2.7
V
VIN Under Voltage Lockout
Threshold Hysteresis
INUVHYS
0.3
0.4
0.5
V
EN UVLO Threshold Rising
ENR
1.2
V
EN UVLO Threshold Falling
ENF
0.4
V
Current Limit FET ON
Resistance
RDSON
Ta=25°C
60
65
mΩ
Continuous Current Limit
ILIM
RILIM=1.07kΩ
4.6
A
RILIM=1.2kΩ
4.1
RILIM=1.4kΩ
-10%
3.7
10%
Off State Leakage Current
ILEAK
VIN=6V, VB=0V or
VB=6V, VIN=0V
2
μA
Clamping Voltage
VCLAMP
VIN=7V
+10%
6
+10%
V
Rise Time (dv/dt)
τR
DVDT pin floating
0.5
0.9
1.5
ms
Cdv/dt=10nF
10
Cdv/dt=100nF
100
Internal RESET Delay Time
τD
TPOR pin floating
0.4
ms
CTPOR=100nF
100
CTPOR=500nF
500
Pre-charge current
ICH PRE
130
mA
Charge Peak current @
Boost Mode
ICH
ICH pin floating
500
mA
RICH=100kΩ
400
RICH=200kΩ
200
Boost Disconnect Switch Ron
Rdison
30
35
mΩ
Energy Management HS Ron
RHon
70
mΩ
Energy Management LS Ron
RLon
60
mΩ
Feedback Voltage
VFBB, VFBS
0.77
0.79
0.81
V
Feedback Current
IFBB
VFB1=VFB2=0.79V
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com