Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8005DF Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP8005DF
Description  13W 802.3af PoE Powered Device (PD) Interface and PWM Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8005DF Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP8005DF Datasheet HTML 1Page - Monolithic Power Systems MP8005DF Datasheet HTML 2Page - Monolithic Power Systems MP8005DF Datasheet HTML 3Page - Monolithic Power Systems MP8005DF Datasheet HTML 4Page - Monolithic Power Systems MP8005DF Datasheet HTML 5Page - Monolithic Power Systems MP8005DF Datasheet HTML 6Page - Monolithic Power Systems MP8005DF Datasheet HTML 7Page - Monolithic Power Systems MP8005DF Datasheet HTML 8Page - Monolithic Power Systems MP8005DF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP8005 – IEEE 802.3af PoE POWERED DEVICE CONTROLLER
MP8005 Rev. 1.0
www.MonolithicPower.com
2
9/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Temperature
MP8005DF
TSSOP-20-EP
MP8005DF
–40
°C to +85°C
For Tape & Reel, add suffix –Z (e.g. MP8005DF–Z).
For Lead Free, add suffix –LF (e.g. MP8005DF–LF–Z)
PACKAGE REFERENCE
AGND
ISENSE
RDELAY
VFB
NC
VDD
PG
RTN
RTN
COMP
VCC
MAINGATE
SYNCGATE
CSS
ENABLE
ILIM
CLASS
DET
VSS
NC
ABSOLUTE MAXIMUM RATINGS (1)
VDD, RTN....................................–0.3V to +100V
PG, DET ......................................–0.3V to +57V
VCC, CLASS .................................–0.3V to +10V
ILIM, CSS, ENABLE. .......................–0.3V to +5V
ISENSE. ...........................................–0.3V to +28V
COMP. ...........................................–0.3V to +3V
FB . .............................................–0.3V to +1.3V
Continuous Power Dissipation
(TA = +25°C)
(2)
. ............................................................ 1.2W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65°C to +150
°C
Recommended Operating Conditions
(3)
Supply Voltage VDD .............................0V to 57V
Output Current IOUT .............................. 0 to 0.4A
Junction Temperature TJ......... –40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
TSSOP-20-EP........................105 ..... 50 ...
°C/W
Notes:
1) Exceeding “Absolute Maximum Ratings” may cause
permanent damage to the device. Functional operation at or
above these conditions is not implied
Exposure to these conditions for extended periods may
affect device reliability.
2) The maximum allowable power dissipation is a function of
the maximum junction temperature. TJ(MAX) the junction-to-
ambient
thermal
resistance.
θJA and the ambient
temperature, TA the maximum allowable power dissipation at
any
ambient
temperature
is
calculated
using:
PD(MAX)=(TJ(MAX)-TA)/ θJA. Exceeding the maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com