Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8758HGL Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP8758HGL
Description  High-Current, 10A, 22V, Synchronous Step-Down Converter with Hiccup OCP, PFM/PWM Mode Selection, and Auto-Retry Thermal Shutdown
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8758HGL Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP8758HGL Datasheet HTML 14Page - Monolithic Power Systems MP8758HGL Datasheet HTML 15Page - Monolithic Power Systems MP8758HGL Datasheet HTML 16Page - Monolithic Power Systems MP8758HGL Datasheet HTML 17Page - Monolithic Power Systems MP8758HGL Datasheet HTML 18Page - Monolithic Power Systems MP8758HGL Datasheet HTML 19Page - Monolithic Power Systems MP8758HGL Datasheet HTML 20Page - Monolithic Power Systems MP8758HGL Datasheet HTML 21Page - Monolithic Power Systems MP8758HGL Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP8758H–22V, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER
MP8758H Rev.1.0
www.MonolithicPower.com
18
10/13/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
R8 is set to 0Ω and can be set using Equation
(16) for better noise immunity. Also, it should be
five times smaller than R1//R2 to minimize its
influence on VRAMP. R8 can be calculated with
Equation (16):
8
4SW
1
R
2C
2F
=
π×
×
(16)
Using Equation (14) on page 17 to calculate R1
can be complicated. To simplify the calculation,
a DC-blocking capacitor (CDC) can be added to
filter the DC influence from R4 and R8. Figure
12 shows a simplified circuit with external ramp
compensation and a DC-blocking capacitor.
With this capacitor, R1 can easily be obtained
by using the simplified equation for PWM mode
shown in Equation (17):
−−
=
+
OUT
REF
RAMP
12
REF
RAMP
1
(V
V
V
)
2
RR
1
VV
2
(17)
R1
R2
Ceramic
SW
FB
Vo
L
Cdc
R4
C4
Figure 12: Simplified Circuit of Ceramic
Capacitor with DC Blocking Capacitor
CDC is suggested to be at least 10 times larger
than C4 for better DC-blocking performance,
and should not be larger than 0.47µF,
considering start-up performance. If a larger
CDC is needed for better FB noise immunity,
combine it with reduced R1 and R2 to limit
CDC reasonably without affecting the system
start-up. Note that even when the CDC is
applied, the load and line regulations are still
VRAMP-related.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous,
and
therefore
requires
a
capacitor to supply the AC current to the step-
down converter while maintaining the DC input
voltage. For best performance, use a ceramic
capacitor placed as close to VIN as possible.
Ceramic
capacitors
with
X5R
and
X7R
dielectrics are recommended because of their
low ESR and small temperature coefficients.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated with Equation (18):
OUT
OUT
CIN
OUT
IN
IN
VV
II
(1
)
VV
=×
× −
(18)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (19):
OUT
CIN
I
I
2
=
(19)
For simplification, choose an input capacitor
with an RMS current rating greater than half of
the
maximum
load
current.
The
input
capacitance value determines the input voltage
ripple of the converter. If there is an input
voltage ripple requirement in the system,
choose the input capacitor that meets the
specification.
The input voltage ripple can be estimated with
Equation (20):
OUT
OUT
OUT
IN
SW
IN
IN
IN
IV
V
V(1
)
FC
V
V
Δ=
×
× −
×
(20)
The worst-case condition occurs at VIN = 2VOUT,
shown in Equation (21):
OUT
IN
SW
IN
I
1
V
4F
C
Δ= ×
×
(21)
Selecting the Output Capacitor
The output capacitor maintains the DC output
voltage. Ceramic or POSCAP capacitors are
recommended. The output voltage ripple can be
estimated with Equation (22):
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V(1
) (R
)
FL
V
8 F
C
Δ=
× −
×
+
××
×
(22)
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency, and the capacitance causes the
majority of the output voltage ripple. For
simplification, the output voltage ripple can be
estimated with Equation (23):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com