Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8760DGL Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP8760DGL
Description  High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8760DGL Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP8760DGL Datasheet HTML 17Page - Monolithic Power Systems MP8760DGL Datasheet HTML 18Page - Monolithic Power Systems MP8760DGL Datasheet HTML 19Page - Monolithic Power Systems MP8760DGL Datasheet HTML 20Page - Monolithic Power Systems MP8760DGL Datasheet HTML 21Page - Monolithic Power Systems MP8760DGL Datasheet HTML 22Page - Monolithic Power Systems MP8760DGL Datasheet HTML 23Page - Monolithic Power Systems MP8760DGL Datasheet HTML 24Page - Monolithic Power Systems MP8760DGL Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
MP8760D ― 6A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8760D Rev. 1.1
www.MonolithicPower.com
22
1/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
LAYOUT RECOMMENDATIONS
1. Place high current paths (GND, IN, and SW)
very close to the device with short, direct and
wide traces.
2. Two-layer
IN
copper
layers
are
recommended to achieve better performance.
Respectively put at least a decoupling
capacitor on either side of the IC that has VIN
pin and as close to the IN and GND pins as
possible. Also, several vias with 18mil
diameter
and
8mil
hole-
size
are
recommended to be placed under the device
and are required near input capacitors to help
on the thermal dissipation, also reduce the
parasitic inductance.
3. Place a decoupling capacitor as close to the
VCC and AGND pins as possible.
4. Keep the switching node (SW) plane as small
as possible and far away from the feedback
network.
5. Place the external feedback resistors next to
the FB pin. Make sure that there are no vias
on the FB trace. The feedback resistors
should refer to AGND instead of PGND.
6. Keep the BST voltage path (BST, C3, and
SW) as short as possible.
7. MPS strongly recommends a four-layer layout
to improve thermal performance.
MP8760D
Figure 13: Schematic Reference for PCB Layout
B ST
VC C
PG
AG N D
SS
FB
FR EQ
EN
C1 D
Top Layer
Inner1 Layer
Inner2 Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com