Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP8762H Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8762H
Description  High Efficiency, 10A, 18V Synchronous Step-down Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8762H Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8762H Datasheet HTML 4Page - Monolithic Power Systems MP8762H Datasheet HTML 5Page - Monolithic Power Systems MP8762H Datasheet HTML 6Page - Monolithic Power Systems MP8762H Datasheet HTML 7Page - Monolithic Power Systems MP8762H Datasheet HTML 8Page - Monolithic Power Systems MP8762H Datasheet HTML 9Page - Monolithic Power Systems MP8762H Datasheet HTML 10Page - Monolithic Power Systems MP8762H Datasheet HTML 11Page - Monolithic Power Systems MP8762H Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MP8762H ― 10A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MP8762H Rev. 1.2
www.MonolithicPower.com
8
6/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 12V, VOUT = 1V, L = 1µH, TA = 25ºC, unless otherwise noted.
Switching Frequency vs.
R FREQ
BST Voltage vs.
Temperature
Case Temperature Rise
vs. Output Current
FSW =500kHz
4
4.2
4.4
4.6
4.8
5
-50
0
50
100
150
200
300
400
500
600
700
-50
0
50
100
150
100
300
500
700
900
1100
100
300
500
700
900
0
100
200
300
400
500
600
0
2.5
5
7.5
10
0
5
10
15
20
25
30
35
0
2
4
6
8
10
OUTPU T CURREN T (A)
OUTPU T CURREN T (A)
IBST =0m A
IBST =5m A
600
605
610
615
620
-50
0
50
100
150
FB Reference
Voltage vs.
Temperature
5
7
9
11
13
15
0
5
10
15
20
25
Valley Curretn Limit vs.
InputVoltage
INPUT VOLTAGE (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com