Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70P7293 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 70P7293
Description  Coupling Signal Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

70P7293 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  70P7293 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Coupling Signal Transformer
70P7293
This drawing is the property of Vitec Electronics Corporation. It is not a controlled document. Therefore it is subject to change without prior
notice. It's intended use is to supply preliminary information only. Duplication of all or any part of this drawing is prohibited.
FEATURES
6213 El Camino Real, Carlsbad, CA 92009
TEL: (760) 918-8831
FAX: (760) 918-8840
AF 3990 040204
Designed for use in Texas Instruments' Power Line Modem with E-Meter Platform
Materials Meet Flammability Requirement of UL 94V-O
5,600 VDC Primary to Secondary Isolation
SCHEMATICS
DRAWING
Dimensions Inches/mm +/- 0.010/0,254" Unless
noted
3:1:1
8
7
5
6
4
2
3
1
Pri
Sec1
Sec2
ELECTRICAL CHARACTERISTICS @ 25oC
Inductance* (1-4)
Turns Ratio (1-4:8-7, 6-5)
Pri DC Resistance (1-4)
Sec DC Resistance (8-7, 6-5)
Dielectric Withstanding Voltage
Leakage Inductance* (1-4 short 8-7, 6-5)
= 1.00 mH +/- 15%
= 3:1:1 +/- 1%
= 0.83 Ohm MAX.
= 0.19 Ohm MAX
= 5600 VDC (for 2 Sec)
= 5.5 uH MAX
SUGGESTED PCB LAYOUT
Notes: All tests performed with pin 3 tied to pin 2
* Tested @ 100KHz, .100 Vac
.600
15,24
.050
1,27
DIA
.200
5,08
(6 PL)
8
7
6
5
1
2
3
4
.650
16,51
.200
5,08
(6 PL.)
MAX
.760
19,30
MAX
70P7293
(
8PL)
.750
19,05
.600
15,24
.150
3,81
TYP
MAX
.023
0,58
DIA


Similar Part No. - 70P7293

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
70P-JMDSS-G-1-TF JST-70P-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
logo
Littelfuse
70P00000Z LITTELFUSE-70P00000Z Datasheet
100Kb / 1P
Alarm Indicating Fuse
logo
Teridian Semiconductor ...
70P2352-IGT TERIDIAN-70P2352-IGT Datasheet
760Kb / 42P
Dual Channel OC-3/ STM1-E/ E4 LIU
70P2352-IGT/F TERIDIAN-70P2352-IGT/F Datasheet
760Kb / 42P
Dual Channel OC-3/ STM1-E/ E4 LIU
70P2352-IGTR TERIDIAN-70P2352-IGTR Datasheet
760Kb / 42P
Dual Channel OC-3/ STM1-E/ E4 LIU
More results

Similar Description - 70P7293

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7236 FILTRAN-7236 Datasheet
146Kb / 1P
AUDIO Coupling Transformer
logo
Rhombus Industries Inc.
T-600 RHOMBUS-IND-T-600 Datasheet
18Kb / 1P
Modem Coupling Transformer
11/3/99
T-1076 RHOMBUS-IND-T-1076 Datasheet
21Kb / 1P
Modem Coupling Transformer
05/19/98
T-1160 RHOMBUS-IND-T-1160 Datasheet
23Kb / 1P
COUPLING TRANSFORMER
logo
XFMRS Inc.
XF0023C XFMRS-XF0023C Datasheet
40Kb / 1P
Data Coupling Transformer
logo
LinkCom Manufacturing C...
LCT0156-70 LINKCOM-LCT0156-70 Datasheet
54Kb / 1P
Coupling Transformer
LCT0158-70 LINKCOM-LCT0158-70 Datasheet
34Kb / 1P
Coupling Transformer
logo
XFMRS Inc.
XF0023C XFMRS-XF0023C_15 Datasheet
40Kb / 1P
DATA COUPLING TRANSFORMER
XF0023CA XFMRS-XF0023CA Datasheet
77Kb / 1P
Data Coupling Transformer
logo
Allied Components Inter...
AEI14-4440 ALLIED-AEI14-4440 Datasheet
905Kb / 1P
Coupling Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com