Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5321 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5321
Description  RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5321 Datasheet HTML 8Page - Analog Devices ADL5321 Datasheet HTML 9Page - Analog Devices ADL5321 Datasheet HTML 10Page - Analog Devices ADL5321 Datasheet HTML 11Page - Analog Devices ADL5321 Datasheet HTML 12Page - Analog Devices ADL5321 Datasheet HTML 13Page - Analog Devices ADL5321 Datasheet HTML 14Page - Analog Devices ADL5321 Datasheet HTML 15Page - Analog Devices ADL5321 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADL5321
Data Sheet
EVALUATION BOARD
The schematic of the ADL5321 evaluation board is shown in
Figure 35. This evaluation board uses 25 mil wide traces and is
made from IS410 material (lead-free version of FR4). The
evaluation board comes tuned for operation in the 2500 MHz to
2700 MHz tuning band. Tuning options for other frequency bands
are also provided in Table 10. The recommended placement for
these components is provided in Table 11. The inputs and outputs
should be ac-coupled with appropriately sized capacitors. DC
bias is provided to the amplifier via an inductor connected to
the RFOUT pin. A bias voltage of 5 V is recommended.
Figure 35. Evaluation Board, 2500 MHz to 2700 MHz
Table 10. Evaluation Board Configuration Options
Component
Function
2500 MHz to 2700 MHz
3400 MHz to 3850 MHz
C1, C2
AC coupling capacitors
C1 = 0402, 1.0 pF
C1 = 0402, 10 pF
C2 = 0402, 10 pF
C2 = 0402, 10 pF
C4, C5, C6
Power supply bypassing capacitors
C4 = 0603, 10 pF
C4 = 0603, 10 pF
C5 = 0603, 10 nF
C5 = 0603, 10 nF
C6 = 1206, 10 µF
C6 = 1206, 10 µF
L1
DC bias inductor
0603, 9.5 nH
0603, 9.5 nH
C3, C7
Tuning capacitors
C3 = 0402, 1.2 pF
C3 = 0402, 1.2 pF
C7 = 0402, open
C7 = 0402, 1.0 pF
VCC, GND
Power supply connections
VCC, red test loop
VCC, red test loop
GND, black test loop
GND, black test loop
Table 11. Recommended Component Spacing on Evaluation Board
Frequency (MHz)
λ1 (mils)
λ2 (mils)
λ3 (mils)
λ4 (mils)
2500 to 2700
240
75
89
325
3400 to 3850
90
35
40
416
1
2
(2)
3
ADL5321
C6 10µF
C5 10nF
C4 10pF
L1
9.5nH
VCC
GND
RFIN
C2
10pF
C3
1.2pF
RFOUT
C1
1.0pF
C7
OPEN
λ1
λ3
λ4
λ2
Rev. D | Page 14 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com