Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5604ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL5604ACPZ-R7
Description  RF Driver Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5604ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL5604ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5604ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Data Sheet
ADL5604
Rev. C | Page 15 of 23
APPLICATIONS INFORMATION
BASIC LAYOUT CONNECTIONS
The basic connections for operating the ADL5604 are shown in Figure 36.
RFIN
VBIAS
RFOUT
12
VCC2
11
VBIAS
10
RFIN
9
RFIN
1
2
3
4
13
8
14
7
15
6
16
5
ADL5604
GND1
GND GND GND GND
GND GND GND GND
VCC1
L1
16nH
VCC2
VBIAS
GND2
R9
0
R10
0
R6
0
R8
0
R3
OPEN
L2
OPEN
R4 OPEN
GND3
AD8009
C15
0.1µF
R1
301
–VS
+VS
U2
NOTE 1
C5
2.4pF
C2
22pF
R2
0
R5
0
NOTES
1. THE COMPONENTS CONTAINED INSIDE THE DASHED BOX ARE ONLY REQUIRED IF IT IS
DESIRED TO POWER DOWN THE ADL5604.
C1
0
C3
1.3pF
C4
2.7pF
C11
10nF
C12
0.1µF
C9
10nF
C10
0.1µF
C6
10nF
C7
0.1µF
C8
10µF
RFOUT
RFOUT
RFOUT
RFOUT
C14
0.1µF
Figure 36. Basic Connections
Power Supply
The voltage supply for the ADL5604, which ranges from 4.75 V
to 5.25 V, should be connected to the VCC1 pin. The dc bias to
the output stage is supplied through L1 and is connected to the
RFOUT pin. Three decoupling capacitors, C6, C7, and C8, are
used to prevent RF signals from propagating on the dc lines. The
VBIAS and VCC2 pins are connected to the main supply voltage,
VCC1, through the R2 and R5 resistors. Additional decoupling
capacitors, C9, C10, C11, and C12, are required on the VCC2
and VBIAS pins.
RF Input Interface
Pin 1 and Pin 2 are the RF input pins for ADL5604. The RF
input is easily matched with two or three components and a
microstrip line used as an inductor. If additional inductance is
required, C3 can be replaced with an inductor. See the ADL5604
Match section for the component values and spacing for the
different frequency bands.
RF Output Interface
Pin 9 to Pin 12 are used as the RF output pins. The C5 shunt
capacitor and the inductance from the microstrip line match RF
output to 50 Ω. See the ADL5604 Match section for the com-
ponent values and spacing for the different frequency bands.
Power-Down Circuit
Device U2 and its associated circuitry can be used to power
down the ADL5604. To connect U2, remove the R2 resistor and
place a 0 Ω resistor in place of R4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com