Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW-34-B Datasheet(PDF) 4 Page - OSRAM GmbH

Part # BPW-34-B
Description  Especially suitable for applications from 350 nm to 1100 nm
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW-34-B Datasheet(HTML) 4 Page - OSRAM GmbH

  BPW-34-B Datasheet HTML 1Page - OSRAM GmbH BPW-34-B Datasheet HTML 2Page - OSRAM GmbH BPW-34-B Datasheet HTML 3Page - OSRAM GmbH BPW-34-B Datasheet HTML 4Page - OSRAM GmbH BPW-34-B Datasheet HTML 5Page - OSRAM GmbH BPW-34-B Datasheet HTML 6Page - OSRAM GmbH BPW-34-B Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BPW 34 B, BPW 34 B
2007-04-03
4
Relative Spectral Sensitivity
S
rel = f (λ)
Dark Current
I
R = f (VR), E = 0
Directional Characteristics
S
rel = f (ϕ)
λ
OHF01001
0
rel
S
400
600
800
1000
1200
20
40
60
80
%
100
nm
0
OHF00080
Ι
R
R
V
0
5
10
15
V
20
1000
2000
3000
4000
pA
OHF01402
90
80
70
60
50
40
30
20
10
20
40
60
80
100
120
0.4
0.6
0.8
1.0
ϕ
0.2
0.4
0.6
0.8
1.0
100
0
0
0
Photocurrent
I
P = f (Ev), VR = 5 V
Open-Circuit Voltage
V
O = f (Ev)
Capacitance
C = f (V
R), f = 1 MHz, E = 0
E
OHF01066
V
0
10
P
Ι
-1
10
10
1
10
2
10
4
10
0
10
1
10
2
10
34
10
3
10
2
10
1
10
10
0
V
O
μAmV
Ι
P
V
O
10
3
lx
V
OHF00081
R
-2
10
C
0
-1
10
0
10
1
10
2
10
V
10
20
30
40
50
60
70
80
pF
100
Total Power Dissipation
P
tot = f (TA)
Dark Current
I
R = f (TA), VR = 5 V, E = 0
T
OHF00958
A
0
tot
P
0
20
40
60
80 ˚C 100
mW
20
40
60
80
100
120
140
160
T
OHF00082
A
-1
10
0
R
Ι
10
0
10
1
10
2
10
3
nA
20
40
60
80 ˚C 100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com