Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPW-34-FS Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPW-34-FS
Description  Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW-34-FS Datasheet(HTML) 1 Page - OSRAM GmbH

  BPW-34-FS Datasheet HTML 1Page - OSRAM GmbH BPW-34-FS Datasheet HTML 2Page - OSRAM GmbH BPW-34-FS Datasheet HTML 3Page - OSRAM GmbH BPW-34-FS Datasheet HTML 4Page - OSRAM GmbH BPW-34-FS Datasheet HTML 5Page - OSRAM GmbH BPW-34-FS Datasheet HTML 6Page - OSRAM GmbH BPW-34-FS Datasheet HTML 7Page - OSRAM GmbH BPW-34-FS Datasheet HTML 8Page - OSRAM GmbH BPW-34-FS Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2016-06-30
1
2016-06-30
Silicon PIN Photodiode with Daylight Blocking Filter
Version 1.4
BPW 34 FS
Ordering Information
Features:
•
Especially suitable for the wavelength range of 780 nm to 1100 nm
•
Short switching time (typ. 20 ns)
•
DIL plastic package with high packing density
•
Suitable for reflow soldering
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
•
Automotive (eg rain sensor, headset)
•
IR remote control of hi-fi and TV sets, dimmers, remote controls of various equipment
•
Photointerrupters
Type:
Photocurrent
Ordering Code
IP [µA]
λ = 950 nm, Ee = 1 mW/cm
2, V
R
= 5 V
BPW 34 FS
50 (≥ 40)
Q65110A2700


Similar Part No. - BPW-34-FS

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
BPW-34-FS AMSOSRAM-BPW-34-FS Datasheet
1Mb / 19P
Silicon PIN Photodiode with Daylight Blocking Filter
Version 1.10 2025-06-04
logo
OSRAM GmbH
BPW-34-FSR OSRAM-BPW-34-FSR Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
logo
ams-OSRAM AG
BPW-34-FSR AMSOSRAM-BPW-34-FSR Datasheet
1Mb / 19P
Silicon PIN Photodiode with Daylight Blocking Filter
Version 1.11 2025-08-20
More results

Similar Description - BPW-34-FS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPW34FS OSRAM-BPW34FS Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BPW34FSR OSRAM-BPW34FSR Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BP-104-F OSRAM-BP-104-F Datasheet
213Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BP-104-FAS OSRAM-BP-104-FAS Datasheet
397Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-FASR OSRAM-BP-104-FASR Datasheet
395Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-FS OSRAM-BP-104-FS Datasheet
371Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
BPW-34-F OSRAM-BPW-34-F Datasheet
210Kb / 8P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.5
BPW-34-FSR OSRAM-BPW-34-FSR Datasheet
394Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.4
SFH-205-FA OSRAM-SFH-205-FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-225-FA OSRAM-SFH-225-FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com