Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX-38 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # BPX-38
Description  Silicon NPN Phototransistor Version 1.3
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX-38 Datasheet(HTML) 3 Page - OSRAM GmbH

  BPX-38 Datasheet HTML 1Page - OSRAM GmbH BPX-38 Datasheet HTML 2Page - OSRAM GmbH BPX-38 Datasheet HTML 3Page - OSRAM GmbH BPX-38 Datasheet HTML 4Page - OSRAM GmbH BPX-38 Datasheet HTML 5Page - OSRAM GmbH BPX-38 Datasheet HTML 6Page - OSRAM GmbH BPX-38 Datasheet HTML 7Page - OSRAM GmbH BPX-38 Datasheet HTML 8Page - OSRAM GmbH BPX-38 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Version 1.3
BPX 38
2016-01-04
3
Grouping (TA = 25 °C, λ = 950 nm)
Group
Min Photocurrent
Max Photocurrent Typ Photocurrent
Rise and fall time
E
e = 0.5 mW/cm
2,
V
CE = 5 V
E
e = 0.5 mW/cm
2,
V
CE = 5 V
E
V = 1000 lx, Std.
Light A, V
CE = 5 V
I
C = 1 mA, VCC = 5
V, R
L = 1 kΩ
I
PCE, min [µA]
I
PCE, max [µA]
I
PCE [µA]
t
r, tf [µs]
BPX 38-2
200
400
950
9
BPX 38-3
320
630
1500
12
BPX 38-4
500
1000
2300
15
BPX 38-5
800
3600
18
Group
Collector-emitter saturation
voltage
Current gain
IC = IPCEmin x 0.3,
Ee= 0.5 mW/cm
2
Ee = 0.5 mW/cm
2, V
CE = 5 V
V
CEsat [mV]
I
PCE / IPCB
BPX 38-2
200
170
BPX 38-3
200
280
BPX 38-4
200
420
BPX 38-5
200
650
Note.:
IPCEmin is the min. photocurrent of the specified group.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com