Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT82048 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CAT82048
Description  Attenuator 8 Section
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CAT82048 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CAT82048 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
225
310.507.3242 • FAX 310.507.5701 • www.daico.com
MODEL NUMBER
CAT82048
FEATURES
• 440 - 480 MHz
• 0.25 dB LSB
• Phase Vs. Atten. ±5 Degrees
• 100 nSec Switching Speed
8 BIT
Attenuator 8 Section


Similar Part No. - CAT82048

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT823 CATALYST-CAT823 Datasheet
208Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
CAT823 CATALYST-CAT823 Datasheet
216Kb / 14P
System Supervisory Voltage Reset with Watchdog and Manual Reset
logo
ON Semiconductor
CAT823 ONSEMI-CAT823 Datasheet
143Kb / 15P
System Supervisory Voltage Reset with Watchdog and Manual Reset
Doc. No. MD-3027, Rev. D
CAT823 ONSEMI-CAT823 Datasheet
141Kb / 12P
System Supervisory Voltage Reset
May, 2012 ??Rev. 8
CAT823 ONSEMI-CAT823 Datasheet
137Kb / 12P
System Supervisory Voltage Reset
May, 2012 ??Rev. 8
More results

Similar Description - CAT82048

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D0712 DAICO-100D0712 Datasheet
39Kb / 1P
Attenuator 7 Section
CAT52045 DAICO-CAT52045 Datasheet
162Kb / 1P
Attenuator 5 Section
DAT42182 DAICO-DAT42182 Datasheet
168Kb / 1P
Attenuator 4 Section
DAT49064 DAICO-DAT49064 Datasheet
26Kb / 1P
Attenuator 4 Section
DAT15073 DAICO-DAT15073 Datasheet
170Kb / 1P
Attenuator 1 Section
DAT76199 DAICO-DAT76199 Datasheet
181Kb / 1P
Attenuator 7 Section
DAT76227 DAICO-DAT76227 Datasheet
179Kb / 1P
Attenuator 7 Section
DAT76228 DAICO-DAT76228 Datasheet
176Kb / 1P
Attenuator 7 Section
DAT82050 DAICO-DAT82050 Datasheet
59Kb / 1P
Attenuator 8 Section
DAT86198 DAICO-DAT86198 Datasheet
189Kb / 1P
Attenuator 8 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com