Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAT82050 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAT82050
Description  Attenuator 8 Section
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAT82050 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAT82050 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
1700
2000
MHz
DC Current
10
15
mA
At +5 VDC Supply
Control Type
TTL
8 Line
Logic “1” = Attenuation
Control Current
High
±10
µA
VIH = +2.7 V
Low
±10
µA
VIL = +0.5 V
Insertion Loss
79
dB
Attenuation
LSB
0.25
dB
Range
0
63.75
dB
0.5, 1, 2, 4, 8, 16, 32 dB
Accuracy
dB
≤ .5 dB ± (.05 dB +15% of
Atten
. Setting in dB)
dB
1 - 32 dB ± (0.25 dB +2% of
Atten. Setting in dB)
VSWR
1.2/1
1.6/1
Impedance
50
OHMS
Switching Speed
1.1
1.5
µSec
50% TTL to 90% / 10% RF
Transition (Rise/Fall) Time
0.8
µSec
10% / 90% or 90% / 10% RF
Switching (Video) Transients
85
mV
Peak Value
Intercept Points
2nd
+60
+68
dBm
1700 MHz / 900 MHz
3rd
+25
+29
dBm
850 MHz / 900 MHz
RF Power
Operate
+11
+10
dBm
0.1 dB Compression
No Damage
+20
dBm
Operating Temperature
0
+25
+71
°CTA
MODEL NO.
D AT 82050
FEATURES
1700 - 2000 MHz
LSB 0.25 dB
Range 63.72 dB
24 Pin DIP
8 BIT
D AICO
I ndustries
Rev. 1 / Iss. 2
GUARANTEED PERFORMANCE
COLOR BEAD
CONTRASTING
.600
.100 TYP
.018±.002 DIA
24 PLACES
PART IDENTIFICATION
.20
1
12
13
24
.20
.77
1.100
1.27
.xx = .02
.xxx= .010
Attenuator 8 Section
16dB
0.25dB
4dB
2dB
1dB
0.5dB
32dB
GND
GND
GND
23
22
21
20
18
19
17
15
14
13
10
9
8
7
6
5
4
2
1
24
+5V
IN/OUT
OUT/IN
"1"
"0"
"0"
"0"
"0"
"0"
"0"
12
11
GND
16
GND
GND
GND
GND
GND
GND
GND
GND
3
C1
C2
C3
C4
C5
C6
C8
GND
RF
RF
C7
8dB
"0"


Similar Part No. - DAT82050

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAT86198 DAICO-DAT86198 Datasheet
189Kb / 1P
Attenuator 8 Section
More results

Similar Description - DAT82050

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100D0712 DAICO-100D0712 Datasheet
39Kb / 1P
Attenuator 7 Section
CAT52045 DAICO-CAT52045 Datasheet
162Kb / 1P
Attenuator 5 Section
DAT42182 DAICO-DAT42182 Datasheet
168Kb / 1P
Attenuator 4 Section
DAT49064 DAICO-DAT49064 Datasheet
26Kb / 1P
Attenuator 4 Section
DAT15073 DAICO-DAT15073 Datasheet
170Kb / 1P
Attenuator 1 Section
CAT82048 DAICO-CAT82048 Datasheet
191Kb / 1P
Attenuator 8 Section
DAT76199 DAICO-DAT76199 Datasheet
181Kb / 1P
Attenuator 7 Section
DAT76227 DAICO-DAT76227 Datasheet
179Kb / 1P
Attenuator 7 Section
DAT76228 DAICO-DAT76228 Datasheet
176Kb / 1P
Attenuator 7 Section
DAT86198 DAICO-DAT86198 Datasheet
189Kb / 1P
Attenuator 8 Section
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com