Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPX-85 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPX-85
Description  Silicon NPN Phototransistor Arrays Version 1.3
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPX-85 Datasheet(HTML) 1 Page - OSRAM GmbH

  BPX-85 Datasheet HTML 1Page - OSRAM GmbH BPX-85 Datasheet HTML 2Page - OSRAM GmbH BPX-85 Datasheet HTML 3Page - OSRAM GmbH BPX-85 Datasheet HTML 4Page - OSRAM GmbH BPX-85 Datasheet HTML 5Page - OSRAM GmbH BPX-85 Datasheet HTML 6Page - OSRAM GmbH BPX-85 Datasheet HTML 7Page - OSRAM GmbH BPX-85 Datasheet HTML 8Page - OSRAM GmbH BPX-85 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2016-01-04
1
2016-01-04
Silicon NPN Phototransistor Arrays
Version 1.3
BPX 80, BPX 82 ... BPX 89
Features:
•
Spectral range of sensitivity:
(typ) 450 ... 1100 nm
•
Package: Miniature Array, Epoxy
•
Special: Multiple-digit array package
•
High linearity
•
Available in groups
Applications
•
Miniature photointerrupters
•
Industrial electronics
•
For control and drive circuits


Similar Part No. - BPX-85

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
BPX-85 AMSOSRAM-BPX-85 Datasheet
1Mb / 15P
Silicon NPN Phototransistor Arrays
Version 1.4 2023-06-06
More results

Similar Description - BPX-85

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LPT80A OSRAM-LPT80A Datasheet
204Kb / 9P
Silicon NPN Phototransistor Version 1.3
SFH310FA OSRAM-SFH310FA Datasheet
273Kb / 10P
Silicon NPN Phototransistor Version 1.3
SFH314 OSRAM-SFH314 Datasheet
388Kb / 10P
Silicon NPN Phototransistor Version 1.3
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
Silicon NPN Phototransistor Version 1.3
SFH3410R OSRAM-SFH3410R Datasheet
598Kb / 12P
Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
BPX-38 OSRAM-BPX-38 Datasheet
389Kb / 10P
Silicon NPN Phototransistor Version 1.3
BPX-43 OSRAM-BPX-43 Datasheet
574Kb / 10P
Silicon NPN Phototransistor Version 1.3
BPY-62 OSRAM-BPY-62 Datasheet
518Kb / 10P
Silicon NPN Phototransistor Version 1.3
logo
ams AG
BPX80 AMSCO-BPX80 Datasheet
1Mb / 15P
Silicon NPN Phototransistor Arrays
Version 1.4 2023-06-06
BPX89 AMSCO-BPX89 Datasheet
1Mb / 15P
Silicon NPN Phototransistor Arrays
Version 1.4 2023-06-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com