Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CUW-CFUP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # CUW-CFUP
Description  Ceramic package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CUW-CFUP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button CUW-CFUP Datasheet HTML 6Page - OSRAM GmbH CUW-CFUP Datasheet HTML 7Page - OSRAM GmbH CUW-CFUP Datasheet HTML 8Page - OSRAM GmbH CUW-CFUP Datasheet HTML 9Page - OSRAM GmbH CUW-CFUP Datasheet HTML 10Page - OSRAM GmbH CUW-CFUP Datasheet HTML 11Page - OSRAM GmbH CUW-CFUP Datasheet HTML 12Page - OSRAM GmbH CUW-CFUP Datasheet HTML 13Page - OSRAM GmbH CUW-CFUP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2014-01-16
10
Version 1.1
CUW CFUP
Relative Forward Voltage 2) page21
Relative Vorwärtsspannung 2) Seite 21
ΔVF = VF - VF(25 °C) = f(Tj); IF = 1000 mA
Relative Luminous Flux 2) page 21
Relative Lichtstrom 2) Seite 21
ΦVV(25 °C) = f(Tj); IF = 1000 mA
Chromaticity Coordinate Shift 2) page 21
Farbortverschiebung 2) Seite 21
Cx, Cy = f(Tj); IF = 1000 mA
CUW CFUP
-40 -20 0 20406080 100 120
Tj [°C]
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25
ΔVF[V]
CUW CFUP
-40 -20 0 20406080 100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Φv
Φv(25°C)
CUWCFUP
-40 -20 0 20406080 100 120
Tj [°C]
0,325
0,330
0,335
0,340
0,345
0,350
0,355
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com