Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GR-DASPA2.23 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GR-DASPA2.23
Description  SMT package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GR-DASPA2.23 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GR-DASPA2.23 Datasheet HTML 5Page - OSRAM GmbH GR-DASPA2.23 Datasheet HTML 6Page - OSRAM GmbH GR-DASPA2.23 Datasheet HTML 7Page - OSRAM GmbH GR-DASPA2.23 Datasheet HTML 8Page - OSRAM GmbH GR-DASPA2.23 Datasheet HTML 9Page - OSRAM GmbH GR-DASPA2.23 Datasheet HTML 10Page - OSRAM GmbH GR-DASPA2.23 Datasheet HTML 11Page - OSRAM GmbH GR-DASPA2.23 Datasheet HTML 12Page - OSRAM GmbH GR-DASPA2.23 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.1
GR DASPA2.23
2017-12-12
9
ΔVF = VF - VF(25 °C) = f(Tj); IF = 100 mA
ΦV/ΦV(25 °C) = f(Tj); IF = 100 mA
λdom = f(Tj); IF = 100 mA
GR DASPA2.23
-40 -20
0
20 40 60 80 100 120
Tj [°C]
-0,10
-0,05
0,00
0,05
0,10
0,15
∆
VF [V]
GR DASPA2.23
-40 -20
0
20 40 60 80 100 120
Tj [°C]
-1,5
-1,0
-0,5
0,0
0,5
1,0
1,5
Φv
Φv(25°C)
GR DASPA2.23
-40 -20
0
20 40 60 80 100 120
Tj [°C]
-20
-15
-10
-5
0
5
10
15
∆λ dom [nm]
Relative Forward Voltage 6) page 20
Relative Vorwärtsspannung 6) Seite 20
Relative Luminous Flux 6) page 20
Relativer Lichtstrom 6) Seite 20
Dominant Wavelength 6) page 20
Dominante Wellenlänge 6) Seite 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com