Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P257AP Datasheet(PDF) 49 Page - ELAN Microelectronics Corp

Part # EM78P257AP
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AP Datasheet(HTML) 49 Page - ELAN Microelectronics Corp

Back Button EM78P257AP Datasheet HTML 45Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 46Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 47Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 48Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 49Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 50Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 51Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 52Page - ELAN Microelectronics Corp EM78P257AP Datasheet HTML 53Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
49
Table 18 RC Oscillator Frequencies
Cext
Rext
Average Fosc 5V,25
°C
Average Fosc 3V,25
°C
3.3k
3.18 MHz
2.75MHz
5.1k
2.1 MHz
2.0MHz
10k
1.14 MHz
1.12 MHz
20 pF
100k
118 KHz
121 KHz
3.3k
1.25 MHz
1.20 KHz
5.1k
830 KHz
815 KHz
10k
435 KHz
440 KHz
100 pF
100k
46KHz
48 KHz
3.3k
560 KHz
545 KHz
5.1k
370 KHz
360 KHz
10k
195 KHz
195 KHz
300 pF
100k
20 KHz
21 KHz
<Note>
1. Measured on DIP packages.
2. Design reference only
3. The frequency drift about ±30%.
4. RC Oscillator Mode with Internal Capacitor
If both precision and cost are taken into consideration, EM78P257A/B also offers a special oscillation mode,
which is equipped with an internal capacitor and an external resistor connected to Vcc. The internal capacitor
functions as temperature compensator. In order to obtain more accurate frequency, a precise resistor is
recommended.
OSCI
EM78P257A/B
Vcc
Rext
Fig. 21 Circuit for Internal C Oscillator Mode
Table 19 R Oscillator Frequencies
Rext
Average Fosc 5V,25
°C
Average Fosc 3V,25
°C
51k
4.3 MHz
4.3 MHz
100k
2.5 MHz
2.4 MHz
300k
800KHz
800 KHz
<Note>
1. Measured on DIP packages.
2. Design reference only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com