Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM78P257AM Datasheet(PDF) 21 Page - ELAN Microelectronics Corp

Part # EM78P257AM
Description  8-BIT MICROCONTROLLER
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P257AM Datasheet(HTML) 21 Page - ELAN Microelectronics Corp

Back Button EM78P257AM Datasheet HTML 17Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 18Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 19Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 20Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 21Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 22Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 23Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 24Page - ELAN Microelectronics Corp EM78P257AM Datasheet HTML 25Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
EM78P257
OTP ROM
This specification is subject to change without prior notice.
07.27.2004 (V1.4)
21
Pin 12 can choose P66 ,CIN4- or TCC2, and the choice is decided by IOCA0. If CIN4- was not
chosen as comparator1(-) input, this pin will decide to set MOUSEN as ‘1’ and TCC2E of IOC80 is
also set as ‘1’, then set the pin to TCC2, otherwise set the pin to P66.
For EM78P257B
Pin 11 can choose P64 or CO4 only, and decided by COIE4 of IOC90.
Pin 12 can choose CIN3+ only.
Pin 13 can choose P66 ,CIN4- or TCC2, and the choice is decided by IOCA0. If CIN4- was not
chosen as comparator1(-) input, this pin will decide to set MOUSEN as ‘1’ and TCC2E of IOC80 is
also set as ‘1’, then set the pin to TCC2, otherwise set the pin to P66.
• Bit 2 (CE3): Comparator (CO3) enable bit
0 = Comparator is CO3 off (default value).
For EM78P257A
Pin 9 can choose P63 only.
Pin 8 can choose P62 only.
Pin 7 can choose P61 or TCC1 only. If MOUSEN is ‘1’, define pin as an input of TCCA (TCC1). If
MOUSEN is ‘0’, then the choice is decided by TCCATS of RA.
For EM78P257B
Pin 10 can choose P63 only.
Pin 9 can choose P62 only.
Pin 8 can choose P61 or TCC1 only. If MOUSEN is ‘1’ defined pin as an input of TCCA(TCC1) , if
MOUSEN is ‘0’, then the choice is decided by TCCATS of RA.
1 = Comparator is CO3 on.
For EM78P257A
Pin 9 can choose P63 or CO3 only, and decided by COIE3 of IOC90.
Pin 8 can choose CIN3+ only.
Pin 7 can choose P61 ,CIN3- or TCC1, and the choice is decided by IOCA0. If CIN3- was not
chosen as comparator1(-) input, then this pin’s status will be decided by TCCATS of RA. When
TCCATS is ‘1’, then Pin 7 is defined as TCC1, otherwise the status is defined as P61.
For EM78P257B
Pin 10 can choose P63 or CO3 only, and decided by COIE3 of IOC90.
Pin 9 can choose CIN3+ only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com