Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF01B00DP Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # HF01B00DP
Description  Off Line High Voltage Quasi Resonant Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HF01B00DP Datasheet(HTML) 1 Page - Monolithic Power Systems

  HF01B00DP Datasheet HTML 1Page - Monolithic Power Systems HF01B00DP Datasheet HTML 2Page - Monolithic Power Systems HF01B00DP Datasheet HTML 3Page - Monolithic Power Systems HF01B00DP Datasheet HTML 4Page - Monolithic Power Systems HF01B00DP Datasheet HTML 5Page - Monolithic Power Systems HF01B00DP Datasheet HTML 6Page - Monolithic Power Systems HF01B00DP Datasheet HTML 7Page - Monolithic Power Systems HF01B00DP Datasheet HTML 8Page - Monolithic Power Systems HF01B00DP Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
HF01B00/01/02/03/04
Off Line High Voltage
Quasi Resonant Regulator
HF01B00/01/02/03/04 Rev. 1.2
www.MonolithicPower.com
1
4/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The HF01B00/01/02/03/04 is a flyback regulator
with Green Mode Operation. Its high efficiency
feature over the entire input/load range meets
the
stringent
world-wide
energy-saving
requirements.
The HF01B00/01/02/03/04 is an integrated
current mode controller with a 700V FET. Its
valley switching detector ensures minimum
Drain-Source voltage switching every cycle, per
Quasi-resonant operation. When the output
power falls below a given level, the regulator
enters the burst mode to lower the stand-by
power consumption.
An internal minimum off time limiter prevents
the switching frequency from exceeding 150
kHz, which is below the CISPR-22 EMI start
limit. Internal 2.4ms soft start prevents the
excessive inrush current during start up
The HF01B00/01/02/03/04
provides various
protections, such as Thermal Shutdown (TSD),
VCC Under Voltage Lockout (UVLO), Over Load
Protection
(OLP),
Over
Voltage
Protection
(OVP) and so on.
The HF01B00/01/02/03 is available in PDIP8-7B
package. And HF01B04 is available in PDIP8-7B
and SOIC8-7B packages.
P/N
Maximum Output Power
4
230Vac±15%
3
85Vac~265Vac
Adapter
1
Open
Frame
2
Adapter
1
Open
Frame
2
HF01B00DP
35W
54W
23W
30W
HF01B01DP
29W
45W
18W
23W
HF01B02DP
24W
33W
14W
17W
HF01B03DP
22W
30W
11W
13W
HF01B04DP
19W
23W
8W
11W
HF01B04DS
19W
23W
8W
11W
Notes:
1. Maximum continuous power in a non-ventilated enclosed
adapter measured at 50
℃ambient temperature.
2. Maximum continuous power in an open frame design at 50
℃
ambient temperature.
3. 230Vac or 110/115Vac with doubler.
4. The junction temperature can limit the maximum output power.
FEATURES
 Internal Integrated 700V MOSFET
 High Level of Integration, Requires Very
Few External Components
 Universal Input Voltage (85~265VAC)
 Quasi-Resonant Operation over the Entire
Input and Load Range
 Maximum Switching Frequency Limited
 Valley Switching for High Efficiency and
Better EMI Performance
 Active Burst Mode for Low Standby Power
Consumption
 Internal High-Voltage Current Source for
Start-Up
 Internal Soft Start
 Internal 320ns Leading Edge Blanking
 Thermal Shutdown (Auto Restart with
Hysteresis)
 V
CC Under Voltage Lockout with Hysteresis
(UVLO)
 Over Voltage Protection
 Over Load Protection.
 No Load Consumption at 265Vac
HF01B00<100mW
HF01B01<80mW
HF01B02/03<50mW
HF01B04<30mW
APPLICATIONS
Battery charger for consumer and home
equipment.
Standby power supply.
Small power SMPS for white goods and
consumer electronics.
Low/Medium power AC/DC adapter.
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - HF01B00DP

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF015F-2018A-1DSTF HONGFA-HF015F-2018A-1DSTF Datasheet
61Kb / 4P
MINIATURE HIGH POWER RELAY
HF015F-2018A-1HSTF HONGFA-HF015F-2018A-1HSTF Datasheet
61Kb / 4P
MINIATURE HIGH POWER RELAY
HF015F-2018A-1ZSTF HONGFA-HF015F-2018A-1ZSTF Datasheet
61Kb / 4P
MINIATURE HIGH POWER RELAY
HF015F-2018D-1DSTF HONGFA-HF015F-2018D-1DSTF Datasheet
61Kb / 4P
MINIATURE HIGH POWER RELAY
HF015F-2018D-1HSTF HONGFA-HF015F-2018D-1HSTF Datasheet
61Kb / 4P
MINIATURE HIGH POWER RELAY
More results

Similar Description - HF01B00DP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-G6651 ALLEGRO-STR-G6651 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-Y6735 ALLEGRO-STR-Y6735 Datasheet
329Kb / 10P
Off-Line Quasi-Resonant Switching Regulator
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
STR-Y6735 SANKEN-STR-Y6735 Datasheet
254Kb / 10P
Off-Line Quasi-Resonant Switching Regulator
logo
STMicroelectronics
VIPER35 STMICROELECTRONICS-VIPER35 Datasheet
1Mb / 44P
Quasi-resonant high performance off line high voltage converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com