Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP020-5GS Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP020-5GS
Description  Offline, Primary-Side Regulator with CC/CV Control and a 700V FET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP020-5GS Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP020-5GS Datasheet HTML 9Page - Monolithic Power Systems MP020-5GS Datasheet HTML 10Page - Monolithic Power Systems MP020-5GS Datasheet HTML 11Page - Monolithic Power Systems MP020-5GS Datasheet HTML 12Page - Monolithic Power Systems MP020-5GS Datasheet HTML 13Page - Monolithic Power Systems MP020-5GS Datasheet HTML 14Page - Monolithic Power Systems MP020-5GS Datasheet HTML 15Page - Monolithic Power Systems MP020-5GS Datasheet HTML 16Page - Monolithic Power Systems MP020-5GS Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP020-5 – OFFLINE, PRIMARY-SIDE REGULATOR WITH CC/CV CONTROL AND A 700V FET
MP020-5 Rev. 1.05
www.MonolithicPower.com
13
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Input Filter
The input filter helps convert the AC input to a
DC source through the rectifier. Figure 9 shows
the input filter, and Figure 10 shows the typical
DC bus voltage waveform.
C1
+
L
R
C2
+
+
AC Input
DC Input
Figure 9: Input Filter
Vin
t
DC input voltage
VDC(max)
AC input voltage
VDC(min)
0
VAC
Figure 10: DC Input Voltage Waveform
Bulk capacitors (C1 and C2) filter the rectified AC
input. The inductor (L) forms a π filter with C1
and C2 to restrain the differential-mode EMI
noise. The resistor (R) in parallel with L restrains
the mid-frequency-band EMI noise. Normally, the
R is 1kΩ to 10kΩ.
C1 and C2 are usually set 2µF/W to 3µF/W for
the universal input condition. For 230VAC single-
range applications, halve the capacitor values.
Avoid very low minimum DC voltages to ensure
that the converter can supply the maximum
power load, which can be expressed as:
S
P
DC(min)
O
D
SS
D
N
V(V
V )
N1 D
≥⋅
+
⋅
−
If VDC(min) can not satisfy this expression, increase
the value of the input capacitors to increase the
VDC(min).
Output Capacitor
Use low ESR or very low ESR output capacitors
to meet the output voltage ripple requirement
without using an LC post filter. In addition, using
low ESR capacitors improves output voltage
regulation and feedback voltage sampling at high
temperatures or low temperatures. Use an output
capacitor with an ESR lower than 100mΩ for
better efficiency over non-low ESR output
capacitors.
Output Diode
Use a Schottky diode because of its fast
switching speed and low forward-voltage drop for
better high or low temperature CV regulation and
efficiency.
If the lower average efficiency (3% to 4%) is
acceptable, replace the output diode could with a
fast or ultra-fast diode to reduce costs. Be sure to
readjust the resistor divider values to for the
correct output voltage because of the forward
voltage drop is higher than the Schottky diode’s.
Leakage Inductance
The
transformer’s
leakage
inductance
will
decrease the system efficiency and affect the
output current or voltage constant precision.
Optimize the transformer structure to minimize
the leakage inductance. Aim for a leakage
inductance less than 5% of the primary
inductance.
RCD Snubber
The transfomer’s leakage inductance causes the
MOSFET drain voltage to spike and the
excessive ringing on the drain voltage waveform,
which affects the output voltage sampling 3.5µs
after the MOSFET turns off.
The RCD snubber circuit can limit the Drain
voltage spike. Figure 11 shows the RCD snubber
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com