Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP023 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP023
Description  Primary Side CC/CV Flyback Controller with High Voltage Current Source and Programmable Cable Compensation
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP023 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP023 Datasheet HTML 12Page - Monolithic Power Systems MP023 Datasheet HTML 13Page - Monolithic Power Systems MP023 Datasheet HTML 14Page - Monolithic Power Systems MP023 Datasheet HTML 15Page - Monolithic Power Systems MP023 Datasheet HTML 16Page - Monolithic Power Systems MP023 Datasheet HTML 17Page - Monolithic Power Systems MP023 Datasheet HTML 18Page - Monolithic Power Systems MP023 Datasheet HTML 19Page - Monolithic Power Systems MP023 Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
MP023 – PRIMARY-SIDE CC/CV CONTROLLER
MP023 Rev. 1.1
www.MonolithicPower.com
16
7/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Output Cable Compensation
The MP023 has an internal output cable
compensation (CP) circuit (see Figure 10). A
switching signal (VCS_Lim*Dons) is generated
internally and is synchronized with the switching
frequency. The duty on-time of this signal is
Dons, and the amplitude of this signal is
proportional to the current-limit threshold. This
signal is output to CP through a 1MΩ resistor. A
low pass filter can be implemented by placing
an external capacitor on CP, and then a DC
voltage (VCP) proportional to the output current
can be deducted on CP. Note that if cable
compensation function is needed, DS-Max is
default as 0.4 and can’t be programmable by
connecting external CP resistor.
Figure 10: Output Cable Compensation
Table 2 shows some typical voltage levels on
CP when a low pass filter is applied as
described above.
Table 2: Typical CP Voltage Levels (CCP = 1μF)
VLimit
Dons
VCP
500mV
0.4
1.6V
500mV
0.35
1.4V
400mV
0.3
0.96V
250mV
0.1
0.2V
An internal current sink in FB is proportional to
VCP. The voltage drop on the upper resistor of
the divider implements the output cable
compensation function.
The
equation
below
determines
the
compensation voltage:
P_ AU
Limit
S
S
FCP
UP
3
8V
D
N
V2 R
300 10
N

 
(10)
Where:
 VFCP is the secondary-side compensation
voltage drop,
 DS is the secondary-diode duty cycle,
 RUP is the upper resistor of resistor divider,
 NS is the number of turns for the secondary-
side transformer windings,
 NP_AU is the number of transformer auxiliary
winding turns,
 VLimit is the current limit,
Since CP is also used for DS-Max customization,
the cable compensation function is only
available when CP is connected to the
capacitors directly. If there is a non-zero
resistor connected to CP, all of the internal
blocks related to the cable compensation
function are disabled. During normal operation
under this condition, CP is clamped to GND
internally and there is no current flowing
through FB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com