Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP174GJ Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP174GJ
Description  700V Non-Isolated Off-Line Regulator, Up to 400mA Output Current
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP174GJ Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP174GJ Datasheet HTML 13Page - Monolithic Power Systems MP174GJ Datasheet HTML 14Page - Monolithic Power Systems MP174GJ Datasheet HTML 15Page - Monolithic Power Systems MP174GJ Datasheet HTML 16Page - Monolithic Power Systems MP174GJ Datasheet HTML 17Page - Monolithic Power Systems MP174GJ Datasheet HTML 18Page - Monolithic Power Systems MP174GJ Datasheet HTML 19Page - Monolithic Power Systems MP174GJ Datasheet HTML 20Page - Monolithic Power Systems MP174GJ Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
MP174 – NON-ISOLATED OFF-LINE REGULATOR
MP174 Rev. 1.01
www.MonolithicPower.com
17
8/18/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Table 2: Recommended Capacitance
Surge
voltage
500V
1000V
2000V
C1
1μF
2.2μF
3.3μF
C2
1μF
2.2μF
3.3μF
Layout Guide
PCB layout is very important for reliable
operation,
and
good
EMI
and
thermal
performance. Please follow these guidelines to
optimize performance.
1) Minimize the loop area formed by the input
capacitor, IC, freewheeling diode, inductor
and output capacitor.
2) Place the power inductor far away from the
input filter while keeping the loop area to the
inductor to a minimum, see example below.
3) Place a capacitor valued at several hundred
pF between the FB pin and source as close
the IC as possible.
4) Connect the exposed pads or large copper
area with the DRAIN pin to improve thermal
performance.
Top
Bottom Layer
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 3: Design Example
VIN
85VAC to 265VAC
VOUT
12V
IOUT
300mA
The detailed application schematic is shown in
Figure.10. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device application, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com