Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M74HC161M1R Datasheet(PDF) 5 Page - STMicroelectronics

Part # M74HC161M1R
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC161M1R Datasheet(HTML) 5 Page - STMicroelectronics

  M74HC161M1R Datasheet HTML 1Page - STMicroelectronics M74HC161M1R Datasheet HTML 2Page - STMicroelectronics M74HC161M1R Datasheet HTML 3Page - STMicroelectronics M74HC161M1R Datasheet HTML 4Page - STMicroelectronics M74HC161M1R Datasheet HTML 5Page - STMicroelectronics M74HC161M1R Datasheet HTML 6Page - STMicroelectronics M74HC161M1R Datasheet HTML 7Page - STMicroelectronics M74HC161M1R Datasheet HTML 8Page - STMicroelectronics M74HC161M1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M74HC161
5/12
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6ns)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
25
75
95
110
ns
4.5
7
151922
6.0
6
131619
tPLH tPHL Propagation Delay
Time
(CLOCK - Q)
2.0
48
125
155
190
ns
4.5
16
25
31
38
6.0
14
21
26
32
tPLH tPHL Propagation Delay
Time
(CLOCK - CARRY)
2.0
57
150
190
225
ns
4.5
19
30
38
45
6.0
16
26
32
38
tPLH tPHL Propagation Delay
Time
(TE - CARRY)
2.0
39
100
125
150
ns
4.5
13
20
25
30
6.0
11
17
21
26
tPLH
Propagation Delay
Time
(CLEAR - Q)
2.0
60
150
190
225
ns
4.5
20
30
38
45
6.0
17
26
32
38
tPHL
Propagation Delay
Time
(CLEAR - CARRY)
2.0
72
200
250
300
ns
4.5
24
40
50
60
6.0
20
34
43
51
fMAX
Maximum Clock
Frequency
2.0
6.2
18
5
4.2
MHz
4.5
31
53
25
21
6.0
37
62
30
25
tW(H)
tW(L)
Minimum Pulse
Width (CLOCK)
2.0
18
75
95
110
ns
4.5
6
151922
6.0
6
131619
tW(L)
Minimum Pulse
Width (CLEAR)
2.0
24
75
95
110
ns
4.5
7
151922
6.0
6
131619
ts
Minimum Set-up
Time
(LOAD, PE, TE)
2.0
40
100
125
150
ns
4.5
10
20
25
30
6.0
8
172126
ts
Minimum Set-up
Time
(A, B, C, D)
2.0
20
75
95
110
ns
4.5
5
151922
6.0
3
131619
th
Minimum Hold
Time
(A, B - CLOCK)
2.0
0
0
0
ns
4.5
0
0
0
6.0
0
0
0
tREM
Minimum Removal
Time
2.0
18
50
65
75
ns
4.5
4
101315
6.0
3
9
11
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com