Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2935 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2935
Description  4-Phase PWM Controller for VR12.5 Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2935 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2935 Datasheet HTML 8Page - Monolithic Power Systems MP2935 Datasheet HTML 9Page - Monolithic Power Systems MP2935 Datasheet HTML 10Page - Monolithic Power Systems MP2935 Datasheet HTML 11Page - Monolithic Power Systems MP2935 Datasheet HTML 12Page - Monolithic Power Systems MP2935 Datasheet HTML 13Page - Monolithic Power Systems MP2935 Datasheet HTML 14Page - Monolithic Power Systems MP2935 Datasheet HTML 15Page - Monolithic Power Systems MP2935 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
MP2935 — 4-PHASE PWM CONTROLLER FOR VR12.5 APPLICATIONS
MP2935 Rev. 1.02
www.MonolithicPower.com
12
8/25/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
MP2935
is
a
4-phase
VR12.5-compliant
controller for Intel microprocessors. It is a
multiphase controller for up to 4-phase operation
and is capable for multi-mode PWM/advanced
asynchronous
mode
(AAM)
operation
to
maximize the efficiency over the load range. It
includes blocks for a precision DAC, remote
voltage-sense amplifiers, an error amplifier, a
ramp generator with input voltage feed-forward, a
PWM comparator, AAM control, load-line set, a
VR-ready (VRRDY) monitor, a temperature
monitor and serial VID (SVID) registers. It also
includes dynamic-phase current balancing and
phase shedding. Protection features include
under-voltage
lockout
(UVLO),
over-current
protection (OCP), over-voltage protection (OVP),
under-voltage protection (UVP) and reverse
voltage protection (RVP).
PWM Operation
MP2935
uses
constant-switching–frequency
current mode control and trailing-edge PWM
operation with injected valley current signals. The
PWM ramp of each phase combines with the
sensed valley current to determine phase-current
balance. Figure 1 shows the operation principles.
The phase clock turns the PWM on. When the
combined ramp voltage hits VCOMP voltage the
PWM turns off. The phase shift is applied
between operating phases to minimize the input
and output current ripple.
In general, the controller needs to wait for the
next clock during a load step transient to turn on
the PWM to support the load current. The waiting
time causes the extra output voltage to drop. To
maximize the current support to reduce the
output voltage drop during the transient load,
MP2935
employs
FAST-PWMTM
mode
to
respond immediately. During the load-step
transient, the output voltage drop causes VCOMP
to rise. When VCOMP rise fast enough to trigger
the
FAST-PWM
threshold,
the
controller
overrides the phase clock and turns on all PWMs
without phase shifts. The PWM OFF of each
phase is the same as for normal operation when
the combined ramp hits VCOMP voltage. This
FAST-PWM mode maximizes the regulator’s di/dt
slew rate to support the output load transient step
and minimize the VOUT drop.
When the power state is not PS0, the chip
operates in single phase with AAM mode to
maximize the efficiency in light load condition. A
detailed description of AAM mode operation is
described in “AAM Control Operation and Diode
Emulation.”
Figure 1: Block Diagram of PWM Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com