Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP44014 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP44014
Description  Boundary Mode PFC Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44014 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP44014 Datasheet HTML 1Page - Monolithic Power Systems MP44014 Datasheet HTML 2Page - Monolithic Power Systems MP44014 Datasheet HTML 3Page - Monolithic Power Systems MP44014 Datasheet HTML 4Page - Monolithic Power Systems MP44014 Datasheet HTML 5Page - Monolithic Power Systems MP44014 Datasheet HTML 6Page - Monolithic Power Systems MP44014 Datasheet HTML 7Page - Monolithic Power Systems MP44014 Datasheet HTML 8Page - Monolithic Power Systems MP44014 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP44014
Boundary Mode PFC Controller
MP44014 Rev. 1.01
www.MonolithicPower.com
1
11/10/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP44014 is a boundary conduction mode
PFC controller that provides simple, high-
performance, active power factor correction
using minimal external components.
The output voltage is regulated accurately by a
high-performance voltage mode amplifier with
an accurate internal voltage reference.
The precise, adjustable output over-voltage
protection greatly enhances system reliability.
The on-chip R/C filter on the current sense pin
can potentially eliminate the external R/C filter.
The extremely low start-up current, quiescent
current, and disable function reduces power
consumption, resulting in excellent efficiency
performance.
The MP44014 is available in a SOIC-8 package.
FEATURES
 Boundary Conduction Mode PFC Controller
for Pre-Regulator
 Zero-Crossing Compensation to Minimum
THD of the AC Input Current
 Precise Adjustable Output Over-Voltage
Protection
 Ultra-Low (15μA) Start-U p Current
 Low Quiescent Current (0.46uA) at OVP
Condition
 On-Chip Filter on Current Sense Pin
 Disable Function on ZCS Pin
 -750mA/+800mA Peak Gate Drive Current
 Available in SOIC-8 Packages
APPLICATIONS
 Offline Adaptors
 Electronic Ballast
 LLC Front End
 Other PFC Pre-Regulators
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
Other patents pending.
TYPICAL APPLICATION
GATE
FB
CS
GND
COMP
ZCS
VCC
MULT
M44014
D1
C1
R1
R2
R3
D2
D3
C2
C3
C4
C5
C8
R4
R5
R6
R7
R8
R9
R11
Q1
L1
U1
C6
C7
R10


Similar Part No. - MP44014

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
Boundary Mode PFC Controller
MP44014-AGS MPS-MP44014-AGS Datasheet
420Kb / 13P
Boundary Mode PFC Controller
More results

Similar Description - MP44014

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN6961 FAIRCHILD-FAN6961 Datasheet
663Kb / 13P
Boundary Mode PFC Controller
AN-8035 FAIRCHILD-AN-8035 Datasheet
1Mb / 22P
Boundary Conduction Mode Power Factor Correction (PFC)
FL7930 FAIRCHILD-FL7930 Datasheet
1Mb / 20P
Single-Stage Flyback and Boundary-Mode PFC
FL6961 FAIRCHILD-FL6961 Datasheet
493Kb / 11P
Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
logo
Monolithic Power System...
MP44010 MPS-MP44010 Datasheet
416Kb / 14P
Boundary Mode PFC Controller
MP44011 MPS-MP44011 Datasheet
446Kb / 15P
Boundary-Mode PFC Controller with Harmonic Injection
logo
ON Semiconductor
FL6961 ONSEMI-FL6961 Datasheet
456Kb / 13P
Single-Stage Flyback and Boundary Mode PFC Controller for Lighting
January 2012 Rev. 1.0.2
logo
Monolithic Power System...
MP44014-A MPS-MP44014-A Datasheet
420Kb / 13P
Boundary Mode PFC Controller
logo
ON Semiconductor
FL7930B ONSEMI-FL7930B Datasheet
1Mb / 25P
Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
Rev. 1.0.4
FL7930C ONSEMI-FL7930C Datasheet
2Mb / 22P
Single-Stage Flyback and Boundary-Mode PFC Controller for Lighting
August-2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com