Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM3Z12VB Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MM3Z12VB
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MM3Z12VB Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MM3Z12VB Datasheet HTML 1Page - SUNMATE electronic Co., LTD MM3Z12VB Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER: 0.3 Wa t t s
VOLTAGE RANGE: 2.4 - 7 5V
MM3Z2V4B - MM3Z75B
Small plastic package suitable for
Total power dissipation : max. 300 mW
surface mount design
Symbol
Value
Unit
Power Dissipation
PD
300
mW
Forward Voltage at VF = 10 mA
VF
0.9
V
Thermal Resistance Junction to Ambient Air
RӨJA
0.3
K/mW
Junction Temperature Range
TJ
150
°C
Storage Temperature Range
TSTG
-55 to + 150
°C
Parameter
Features
1 of 2
www.sunmate.tw
SURFACE MOUNT SILICON ZENER DIODES
High reliability
!
!
!
!
!
Case: SOD-323, Molded Plastic
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 0.004 grams (approx.)
Mechanical Data
SOD-323
Dim
Min
Max
A
2.30
2.70
B
1.75
1.95
C
1.15
1.35
D
0.25
0.35
E
0.05
0.15
G
0.70
0.95
H
0.30
—
All Dimensions in mm
G
A
C
E
H
D
B
Maximum Ratings TA = 25°C unless otherwise specified


Similar Part No. - MM3Z12VB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM3Z12VB FAIRCHILD-MM3Z12VB Datasheet
490Kb / 6P
Zener Diodes
logo
Yea Shin Technology Co....
MM3Z12VB YEASHIN-MM3Z12VB Datasheet
1Mb / 4P
200mW SOD-323 SURFACE MOUNT
logo
ON Semiconductor
MM3Z12VB ONSEMI-MM3Z12VB Datasheet
262Kb / 7P
Zener Diodes
June, 2021 ??Rev. 1
logo
Tak Cheong Electronics ...
MM3Z12VBW TAK_CHEONG-MM3Z12VBW Datasheet
267Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
MM3Z12VBW TAK_CHEONG-MM3Z12VBW Datasheet
289Kb / 5P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
More results

Similar Description - MM3Z12VB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W_09 Datasheet
143Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW PANJIT-MMBZ5221BW_10 Datasheet
121Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5229AW PANJIT-MMBZ5229AW_09 Datasheet
127Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMSZ4687-V PANJIT-MMSZ4687-V_10 Datasheet
77Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PZ6.2B PANJIT-PZ6.2B Datasheet
90Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4_16 Datasheet
381Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ252H SUNMATE-SZ252H_15 Datasheet
561Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
ZPX3.0 SUNMATE-ZPX3.0 Datasheet
522Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com