Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ20 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SMBJ20
Description  SURFACE MOUNT 600 Watt Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMBJ20 Datasheet(HTML) 1 Page - Microsemi Corporation

  SMBJ20 Datasheet HTML 1Page - Microsemi Corporation SMBJ20 Datasheet HTML 2Page - Microsemi Corporation SMBJ20 Datasheet HTML 3Page - Microsemi Corporation SMBJ20 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SURFACE MOUNT 600 Watt
Transient Voltage Suppressor
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2002
10-14-2003 REV C
SCOTTSD A L E DIVISION
SMBJ5.0 thru SMBJ170CA
and SMBG5.0 thru SMBG170CA
DESCRIPTION
APPEARANCE
This SMBJ5.0-170A or SMBG5.0-170A series of surface mount 600 W
Transient Voltage Suppressors (TVSs) protects a variety of voltage-sensitive
components from destruction or degradation. It is available in J-bend design
(SMBJ) with the DO-214AA package for greater PC board mounting density
or in a Gull-wing design (SMBG) in the DO-215AA for visible solder
connections.
It is also available in both unidirectional and bidirectional
configurations with a C or CA suffix part number. Their response time is
virtually instantaneous. As a result, they can be used for protection from ESD
or EFT per IEC61000-4-2 and IEC61000-4-4, or for inductive switching
environments and induced RF protection.
They can also protect from
secondary lightning effects per IEC61000-4-5 and class levels defined herein.
Microsemi also offers numerous other TVS products to meet higher and lower
power demands and special applications.
NOTE: All SMB series are
equivalent to prior SMS package
identifications.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
•
Economical surface mount design in both J-bend or
Gull-wing terminations
• Available in both unidirectional and bidirectional
construction (add C or CA suffix for bidirectional)
• Selections for 5.0 to 170 volts standoff voltages (VWM)
• Suppresses transients up to 600 watts @ 10/1000 µs
(see Figure 1)
• Fast response
• Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers.
• Axial-lead equivalent packages for thru-hole mounting
available as P6KE6.8 to P6KE200CA (consult factory
for other surface mount options)
• Moisture classification is Level 1 with no dry pack
required per IPC/JEDEC J-STD-020B
•
Protects sensitive components such as IC’s, CMOS,
Bipolar, BiCMOS, ECL, DTL, T
2L, etc.
•
Protection from switching transients & induced RF
•
Compliant to IEC61000-4-2 and IEC61000-4-4 for
ESD and EFT protection respectively
•
Secondary lightning protection per IEC61000-4-5
with 42 Ohms source impedance:
Class 1: SMB 5.0 to SMB 120A or CA
Class 2: SMB 5.0 to SMB 60A or CA
Class 3: SMB 5.0 to SMB 30A or CA
Class 4: SMB 5.0 to SMB 15A or CA
•
Secondary lightning protection per IEC61000-4-5
with 12 Ohms source impedance:
Class 1: SMB 5.0 to SMB 36A or CA
Class 2: SMB 5.0 to SMB 18A or CA
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Peak Pulse Power dissipation at 25ºC: 600 watts at
10/1000 µs (also see Fig 1,2, and 3).
• Impulse repetition rate (duty factor): 0.01%
• tclamping (0 volts to V(BR) min.): < 100 ps theoretical for
unidirectional and < 5 ns for bidirectional
• Operating and Storage temperature: -65ºC to +150ºC
• Thermal resistance: 25 ºC/W junction to lead, or 90ºC/W
junction to ambient when mounted on FR4 PC board
(1oz Cu) with recommended footprint (see last page)
• Steady-State Power dissipation: 5 watts at TL = 25oC,
or 1.38 watts at TA = 25
ºC when mounted on FR4 PC
board with recommended footprint
• Forward Surge at 25ºC: 50 Amps peak impulse of 8.3
ms half-sine wave (unidirectional only)
• Solder temperatures: 260 ºC for 10 s (maximum)
•
CASE: Void-free transfer molded thermosetting
epoxy body meeting UL94V-0
•
TERMINALS: Gull-wing or C-bend (modified J-bend)
leads, tin-lead plated solderable per MIL-STD-750,
method 2026
•
POLARITY: Cathode indicated by band. No
marking on bi-directional devices
•
MARKING: Part number without prefix (e.g. 5.0,
5.0A, 5.0CA, 36, 36A, 36CA, etc.)
•
TAPE & REEL option: Standard per EIA-481-1-A
with 12 mm tape, 750 per 7 inch reel or 2500 per 13
inch reel (add “TR” suffix to part number)
•
WEIGHT: 0.1 grams
•
See package dimension on last page


Similar Part No. - SMBJ20

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ20 JGD-SMBJ20 Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMBJ20 DCCOM-SMBJ20 Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMBJ20 EIC-SMBJ20 Datasheet
110Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMBJ20 GE-SMBJ20 Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMBJ20 MCC-SMBJ20 Datasheet
410Kb / 5P
Transient Voltage Suppressor 5.0 to 170 Volts 600 Watt
More results

Similar Description - SMBJ20

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SMBJ26CAE3 MICROSEMI-SMBJ26CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ100CAE3 MICROSEMI-SMBJ100CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ51E3 MICROSEMI-SMBJ51E3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ13CAE3 MICROSEMI-SMBJ13CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ58AE3 MICROSEMI-SMBJ58AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ15CAE3 MICROSEMI-SMBJ15CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ43CAE3 MICROSEMI-SMBJ43CAE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBG18A MICROSEMI-SMBG18A Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ20AE3 MICROSEMI-SMBJ20AE3 Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
SMBJ30ATR MICROSEMI-SMBJ30ATR Datasheet
183Kb / 4P
SURFACE MOUNT 600 Watt Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com