Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP-103 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # BP-103
Description  NPN-Silizium-Fototransistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BP-103 Datasheet(HTML) 5 Page - OSRAM GmbH

  BP-103 Datasheet HTML 1Page - OSRAM GmbH BP-103 Datasheet HTML 2Page - OSRAM GmbH BP-103 Datasheet HTML 3Page - OSRAM GmbH BP-103 Datasheet HTML 4Page - OSRAM GmbH BP-103 Datasheet HTML 5Page - OSRAM GmbH BP-103 Datasheet HTML 6Page - OSRAM GmbH BP-103 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BP 103
2000-01-01
5
OPTO SEMICONDUCTORS
Relative Spectral Sensitivity
S
rel = f (λ)
Output Characteristics
I
C = f (VCE), IB = Parameter
Photocurrent
I
PCE/IPCE25° = f (TA), VCE = 5 V
Photocurrent
I
PCE = f (Ee), VCE = 5 V
Output Characteristics
I
C = f (VCE), IB = Parameter
Dark Current
I
CEO/ICEO25° = f (TA),
V
CE = 25 V, E = 0
Total Power Dissipation
P
tot = f (TA)
Dark Current
I
CEO = f (VCE), E = 0
Collector-Emitter Capacitance
C
CE = f (VCE), f = 1 MHz, E = 0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com