Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-G67F Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LA-G67F
Description  white P-LCC-6 package, colorless clear resin
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-G67F Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LA-G67F Datasheet HTML 4Page - OSRAM GmbH LA-G67F Datasheet HTML 5Page - OSRAM GmbH LA-G67F Datasheet HTML 6Page - OSRAM GmbH LA-G67F Datasheet HTML 7Page - OSRAM GmbH LA-G67F Datasheet HTML 8Page - OSRAM GmbH LA-G67F Datasheet HTML 9Page - OSRAM GmbH LA-G67F Datasheet HTML 10Page - OSRAM GmbH LA-G67F Datasheet HTML 11Page - OSRAM GmbH LA-G67F Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LA G67F
2006-10-30
8
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 25 °C
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 85 °C
0
0
˚C
T
I
F
mA
OHL02180
T
A
T
S
A
T
T
S temp. solder point
temp. ambient
50
100
150
200
250
20
40
60
80
120
0
-5
F
I
A
t
P
=
D
T
tp
s
0.2
0.5
0.05
1
0.1
OHL01184
0.02
0.005
0.01
=
D
T
t
P
I
F
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.033
0.2
0.4
0.6
0.8
1.0
1.2
Angestrebte mittlere Lebensdauer
2)
Seite 15
für Helligkeitsgruppe CB
Target median Lifetime
2)
page 15
for Brightness Group CB
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 100 mA
T
A = 25°C
50’000
Betriebsstunden
operating hours
I
F = 130 mA
T
A = 85°C
10’000
Betriebsstunden
operating hours
0
-5
F
I
A
t
P
=
D
T
tp
s
0.2
0.5
0.05
1
0.1
OHL01185
0.02
0.005
0.01
=
D
T
t
P
I
F
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.033
0.2
0.4
0.6
0.8
1.0
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com