Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTP5901-WHM Datasheet(PDF) 21 Page - Linear Technology

Part # LTP5901-WHM
Description  SmartMesh WirelessHART Node Wireless Mote Module
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTP5901-WHM Datasheet(HTML) 21 Page - Linear Technology

Back Button LTP5901-WHM Datasheet HTML 17Page - Linear Technology LTP5901-WHM Datasheet HTML 18Page - Linear Technology LTP5901-WHM Datasheet HTML 19Page - Linear Technology LTP5901-WHM Datasheet HTML 20Page - Linear Technology LTP5901-WHM Datasheet HTML 21Page - Linear Technology LTP5901-WHM Datasheet HTML 22Page - Linear Technology LTP5901-WHM Datasheet HTML 23Page - Linear Technology LTP5901-WHM Datasheet HTML 24Page - Linear Technology LTP5901-WHM Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTP5901-WHM/LTP5902-WHM
21
59012whmfa
For more information www.linear.com/LTP5901-WHM or www.linear.com/LTP5902-WHM
operaTion
TheLTP5901/LTP5902istheworld’smostenergy-efficient
IEEE 802.15.4 compliant platform, enabling battery and
energyharvestedapplications.Withapowerful32-bitARM
Cortex™-M3,best-in-classradio,flash,RAMandpurpose-
built peripherals, Eterna provides a flexible, scalable and
robust networking solution for applications demanding
minimal energy consumption and data reliability in even
the most challenging RF environments.
Shown in Figure 9, Eterna integrates purpose-built periph-
erals that excel in both low operating-energy consump-
tion and the ability to rapidly and precisely cycle between
operating and low-power states. Items in the gray shaded
region labeled “Analog Core” correspond to the analog/
RF components.
POWER SUPPLY
Eterna is powered from a single pin, VSUPPLY, which
powers the I/O cells and is also used to generate internal
supplies.Eterna’stwoon-chipDC/DCconvertersminimize
Eterna’s energy consumption while the device is awake. To
conserve power the DC/DC converters are disabled when
the device is in low-power state. Eterna’s power supply
conditioningarchitecture,includingthetwointegratedDC/
DC converters and three integrated low-dropout regula-
tors, provides excellent rejection of supply noise. Eterna’s
operating supply voltage range is high enough to support
direct connection to lithium-thionyl chloride Li-SOCl2
sources and wide enough to support battery operation
over a broad temperature range.
SUPPLY MONITORING AND RESET
Eterna integrates a Power-on reset (PoR) circuit. As the
RESETn input pin is nominally configured with an internal
pull-up resistor, no connection is required. For a graceful
shutdown, the software and the networking layers should
be cleanly halted via API commands prior to assertion
of the RESETn pin. See the SmartMesh WirelessHART
Mote API Guide for details on the disconnect and reset
commands. Eterna includes a soft brown-out monitor that
fully protects the flash from corruption in the event that
power is removed while writing to flash. Integrated flash
supervisoryfunctionality,inconjunctionwithafaulttolerant
file system, yields a robust non-volatile storage solution.
PRECISION TIMING
A major feature of Eterna over competing 802.15.4 prod-
uct offerings is its low-power dedicated timing hardware
and timing algorithms. This functionality provides timing
precision two to three orders of magnitude better than
any other low-power solution available at the time of
publication. Improved timing accuracy allows motes to
minimize the amount of radio listening time required to
ensure packet reception thereby lowering even further
the power consumed by SmartMesh networks. Eterna’s
patented timing hardware and timing algorithms provide
superior performance over rapid temperature changes,
further differentiating Eterna’s reliability when compared
with other wireless products. In addition, precise timing
enables networks to reduce spectral dead time, increasing
total network throughput.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com