Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2202 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ST2202 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
2/65
2003-May-05
2
2.. G
GE
EN
NE
ER
RA
AL
L D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N
The ST2202 is a 8-bit integrated microcontroller designed with
CMOS silicon gate technology. The true static CPU core,
power down modes and dual oscillators design makes the
ST2202 suitable for power saving and long battery life designs.
The ST2202 integrates various logic to support functions
on-chip which are needed by system designers. This is also
important for lower system complexity, small board size and, of
course, shorter time to market and less cost.
The ST2202 features the capacity of memory access of
maximum 44M bytes which is needed by products with large
data bases, and also DMA function for fast memory transfer.
Six chip selects are equipped for direct connection to external
ROM, SRAM, Flash memory or other devices. Maximum one
single device of 16M bytes is possible.
The ST2202 has 48 I/Os grouped into 6 ports, Port-A ~ Port-E
and Port-L. Each pin can be programmed to input or output.
There are two options: pull-up/down for inputs of Port-C and
only pull-up for inputs of the other ports. In case of output,
there are open-drain/CMOS options for outputs of PortC and
only CMOS for the other ports. Port-A/B is designed for
keyboard scan with de-bounce and transition triggered interrupt
at Port-A, while Port-C/D/E/L are shared with other system
functions. All the properties of I/O pins are still programmable
when they are assigned to another function. This enlarges the
flexibility of the usage of function signals.
The ability of driving large LCD panels, up to 240x120, and
software 16-gray-level support may rich the display information
and the diversity of contents as well. This is done with no need
of external display RAM because of the internal memory
sharing design.
The ST2202 equips serial communication ports of one UART
and one SPI to perform different communications, ex.: RS-232
and IrDA, with system components or other products such as
PC, Notebook, and popular PDA. Three clocking outputs can
produce synthesized PWM signals or high frequency carrier for
IR remote control. This helps products become more useful in
our daily life.
The built-in two channel PSG/one channel PWM DAC are for
the production of key tone, melody, voice, and speech. Two
dedicated pins can drive a buzzer directly for minimum cost.
With these integrated functions inside, the ST2202 single chip
microcontroller is a right solution for PDA, translator, databank
and other consumer products.
Clock
Generator
OSC
Clock
Generator
OSCX
OSCI
OSCXI
OSCXO
XIO
VCC
GND
Power On
Reset
RESET
A[22:0]
D[7:0]
8-bit
External
Memory
Bus
RD
WR
PSG /
PWM DAC
PSGO/PSGOB
8-bit Static
CPU
ROM
256K bytes
Baud Rate
Generator
DMA
Base Timer
8-bit
SRAM
4K bytes
WDT
Interrupt
Controller
Bank
Control
Logic
PA7~0
Port-A
De-bounce
Logic
Transition
Detector
PB7~0
Port-B
UART with
IrDA Mode
SPI
INTX/PC0
Port-C
SCK/PC1
SDI/PC2
SDO/PC3
TXD0/PC6
Port-C
RXD0/PC7
Port-C
TEST1/2
Chip Select
Logic
MMD/CS0
Port-D
Timer 0/1
8-bit
Clocking
Output
Port-E
TCO0/PE0
PE7~2
Port-E
LCD
Controller
Port-L
LD[3:0]/PL3~0
CP/PL4
AC/PL5
LOAD/PL6
FLM/PL7
TXD1/PD6
RXD1/PD7
Port-D
/PC5
DATA_READY
/PC4
SS
0
~
/PD4
1
~
CS5
/PD5
/A23
CS6
POFF
BLANK
TCO1/PE1
BCO/PE2
PVCC/PGND
XMD
FIGURE 2-1 ST2202 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com