Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3090 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3090
Description  ??6V, 600mA Negative Linear Regulator with Programmable Current Limit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3090 Datasheet(HTML) 3 Page - Linear Technology

  LT3090 Datasheet HTML 1Page - Linear Technology LT3090 Datasheet HTML 2Page - Linear Technology LT3090 Datasheet HTML 3Page - Linear Technology LT3090 Datasheet HTML 4Page - Linear Technology LT3090 Datasheet HTML 5Page - Linear Technology LT3090 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc1948af
DEMO MANUAL DC1948A
positive or negative current monitor configuration
cable Drop compensation configuration
Figure 5. Temperature Rise at 2.1W Dissipation
There are both positive and negative current monitors on
the LT3090. The configurations for these two monitors are
different. When the positive current monitor is in use, JP1
needs to be configured on IMP position and JP3 needs to
be configured on +3V position. Meantime a +3V external
powersupplyneedstobeconnectedto+3Vturret.Figure3
shows this configuration.
When the negative current monitor is in use, JP1 needs
to be configured on VIN position and JP3 needs to be
configured on IMN position. There is no external power
supply needed. Figure 4 shows this configuration.
thermal image
Figure 3. Positive Current Monitor Configuration
Figure 4. Negative Current Monitor Configuration
Demo Circuit 1948A can be configured to evaluate the
cable drop compensation on the LT3090. Note that cable
drop compensation is only using negative current monitor
configuration. JP1, JP3 and R12 shall be configured. JP1
needs to be configured on VIN position. JP3 needs to be
configured on CDC position. R12 needs be replaced by a
calculated value which has the following relationship with
the total output cable impedance (RCBL) below. R12 and
RCBL are both in kΩ:
R12 = RCBL • 1k
An example thermal image shows the temperature distri-
bution on board. The test is complete in still air at room
temperature with 2.1W power dissipation in the LT3090.
This gives the IC case-to-ambient thermal resistance of
about
θJA = 24°C/W on the demo board.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com