Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8697 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8697
Description  USB 5V 2.5A Output, 42V Input Synchronous Buck with Cable Drop Compensation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8697 Datasheet(HTML) 3 Page - Linear Technology

  LT8697 Datasheet HTML 1Page - Linear Technology LT8697 Datasheet HTML 2Page - Linear Technology LT8697 Datasheet HTML 3Page - Linear Technology LT8697 Datasheet HTML 4Page - Linear Technology LT8697 Datasheet HTML 5Page - Linear Technology LT8697 Datasheet HTML 6Page - Linear Technology LT8697 Datasheet HTML 7Page - Linear Technology LT8697 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
dc1973af
DEMO MANUAL DC1973A
Quick start proceDure
Demonstration circuit 1973A is easy to set up to evalu-
ate the performance of the LT8697. Refer to Figure 2 and
Figure 3 for proper measurement equipment setup and
follow the procedure below:
1. With power off, connect the input power supply to VIN
and GND.
2. Withpoweroff,connecttheloadtoVCABLEandC_GND.
3. Set X1 to X5 to OPEN positions.
4. Turn on the power at the input.
5. Carefully evaluate other design parameters as needed.
6. If a USB device is to be connected to J3, use Table 1 as
a guide to set X1 to X4 for different USB applications.
The total current provided at J3 and VCABLE should
not exceed 2.1A.
7. Set X5 to V+ if a quick transient test is desirable. The
load step applied to VCABLE is 500mA. Again, make
sure the total load current does not exceed 2.1A during
the test.
performance summary Specifications are at T
A = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
6
42
V
VOUT
Output Voltage
4.8
5
5.2
V
Max IOUT
Maximum Output Current
2.1
A
fSW
Switching Frequency
1.9
2
2.05
MHz
EFE
Efficiency at DC
IOUT = 2.1A, Measured at VOUT
91
%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com