Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP100LGN Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP100LGN
Description  Offline Inductor-Less Regulator For Low Power Application
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP100LGN Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP100LGN Datasheet HTML 1Page - Monolithic Power Systems MP100LGN Datasheet HTML 2Page - Monolithic Power Systems MP100LGN Datasheet HTML 3Page - Monolithic Power Systems MP100LGN Datasheet HTML 4Page - Monolithic Power Systems MP100LGN Datasheet HTML 5Page - Monolithic Power Systems MP100LGN Datasheet HTML 6Page - Monolithic Power Systems MP100LGN Datasheet HTML 7Page - Monolithic Power Systems MP100LGN Datasheet HTML 8Page - Monolithic Power Systems MP100LGN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
MP100L EASYPOWER
TM – OFFLINE INDUCTOR-LESS REGULATOR
ELECTRICAL CHARACTERISTICS
CVD = 4.7
μF/50V, C
OUT =2.2
μF/50V, T
j = -40°C~+125
oC, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Thermal Shutdown
Thermal Shutdown Threshold
TSD
160
ºC
Thermal Shutdown Threshold
Hysteresis
TSD-HYS
20
ºC
Notes:
5) Line Regulation = (VOUT@VB=30V,100uA Load – VOUT@VB=15V,100uA Load) /12V*100.
6) Load Regulation = (VOUT@VB=30V,40mA Load – VOUT@VB=30V,100uA Load)/12V*100.
7) The drop out voltage is defined as VD-VOUT.
8) Guarantee by design.
MP100L Rev. 1.0
www.MonolithicPower.com
5
11/3/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com