Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7751GF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP7751GF
Description  26V, 2x20W Stereo BTL Fix Frequency Class D Audio Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7751GF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP7751GF Datasheet HTML 1Page - Monolithic Power Systems MP7751GF Datasheet HTML 2Page - Monolithic Power Systems MP7751GF Datasheet HTML 3Page - Monolithic Power Systems MP7751GF Datasheet HTML 4Page - Monolithic Power Systems MP7751GF Datasheet HTML 5Page - Monolithic Power Systems MP7751GF Datasheet HTML 6Page - Monolithic Power Systems MP7751GF Datasheet HTML 7Page - Monolithic Power Systems MP7751GF Datasheet HTML 8Page - Monolithic Power Systems MP7751GF Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP7751
26V, 2x20W Stereo BTL Fix Frequency
Class D Audio Amplifier
MP7751 Rev. 1.0
www.MonolithicPower.com
1
5/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
MP7751 is an analog input Class D Audio
Amplifier which can drive stereo speakers in
bridge-tied-load configuration. It is one of MPS’
products of fully integrated audio amplifiers
which dramatically reduce solution size by
integrating the following:
240mΩ power MOSFETs
Startup / Shutdown pop elimination
Short circuit protection circuits
Advanced EMI performance
The MP7751 utilizes a stereo BTL structure
capable of delivering 20W per channel into 8Ω
speakers at 18V power supply. MPS Class D
Audio Amplifiers exhibit the high fidelity of a
Class AB amplifier at high efficiencies.
The MP7751 includes an internal circuit which
allows the system automatic shutdown after the
absence of the audio signal. This feature is
used for energy-using products and for battery
operated applications.
It also has an adjustable power limit function.
The PLIMIT circuit sets a limit on the output
peak-to-peak voltage. The limiting is done by
limiting the duty cycle to fixed maximum value.
This limit can be thought of as a "virtual"
voltage rail which is lower than the supply
connected to PVCC.
The MP7751 is available in TSSOP-28 EP
package.
FEATURES
• 5V to 26V Operation from a Single Supply
• ±5A Peak Current Output
• Output Power:
9.5W/channel at 12V, 8Ω Load, 10%THD
15W/Channel at 16V, 8Ω Load, 10%THD
20W/Channel at 18V, 8Ω Load, 10%THD
• 92% Efficiency with 8Ω Load, 10%THD,
1kHz, 12V Supply Voltage
• 240mΩ power MOSFETs
• Startup / Shutdown pop elimination
• Short circuit protection circuits
• Advanced EMI performance
• All Switches Current limited
• Internal Under Voltage Protection
• Internal Thermal Protection
• TSSOP-28 EP package
• Adjustable power limiter
• Automatic shutdown with zero input signal
detect
• Fault Output Flag
APPLICATIONS
• TV
• DVD Receiver
• Active Speaker
• Home Theaters
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP7751GF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP7751GF MPS-MP7751GF Datasheet
243Kb / 7P
2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
More results

Similar Description - MP7751GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
TFA9812 PHILIPS-TFA9812 Datasheet
385Kb / 66P
BTL stereo Class-D audio amplifier with I2S input
Rev. 02-22 January 2009
logo
Monolithic Power System...
MP7748 MPS-MP7748 Datasheet
823Kb / 19P
2x20W Stereo Single Ended Class D Audio Amplifier
logo
Texas Instruments
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Monolithic Power System...
MP7752 MPS-MP7752 Datasheet
867Kb / 20P
18V, 2x15W Stereo BTL, Fixed Frequency, Inductorless Class-D Audio Amplifier
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7751-F-00A MPS-EV7751-F-00A Datasheet
243Kb / 7P
2X20W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
EV7752-F-00A MPS-EV7752-F-00A Datasheet
251Kb / 6P
Indutorless 2X15W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
MP7758 MPS-MP7758 Datasheet
1Mb / 22P
18V, 2 x 15W Stereo BTL, Fixed-Frequency,Inductorless Class-D Audio Amplifier
Rev. 1.0 12/3/2020
logo
Elite Semiconductor Mem...
AD52060 ESMT-AD52060 Datasheet
704Kb / 23P
2x20W Stereo Class-D Audio Amplifier with Power Limit
Revision: 1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com