Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3965 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 3965
Description  DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

3965 Datasheet(HTML) 2 Page - Allegro MicroSystems

  3965 Datasheet HTML 1Page - Allegro MicroSystems 3965 Datasheet HTML 2Page - Allegro MicroSystems 3965 Datasheet HTML 3Page - Allegro MicroSystems 3965 Datasheet HTML 4Page - Allegro MicroSystems 3965 Datasheet HTML 5Page - Allegro MicroSystems 3965 Datasheet HTML 6Page - Allegro MicroSystems 3965 Datasheet HTML 7Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3965 DMOS Dual Full Bridge
PWM Motor Driver
2
Functional Block Diagram
CONTROL
LOGIC
REGULATOR
UVLO AND
FAULT
DETECT
OUT
1A
SENSE1
GATE
DRIVE
CHARGE PUMP
V
CP
V
BB
BANDGAP
OUT
1B
.22uf
V
DD
DMOS H-BRIDGE
OUT
2A
OUT
2B
DMOS H-BRIDGE
SENSE2
V
CP
GROUND
PHASE2
PHASE1
ENABLE1
OSC
ENABLE2
SLEEP
REF2
1/6
SENSE2
REF1
1/6
SENSE1
S
R
Q
S
R
Q
RC
V
BB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com