Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA-W5AP Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LA-W5AP
Description  black SMD package, colorless clear silicone resin, silicone lense
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LA-W5AP Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LA-W5AP Datasheet HTML 3Page - OSRAM GmbH LA-W5AP Datasheet HTML 4Page - OSRAM GmbH LA-W5AP Datasheet HTML 5Page - OSRAM GmbH LA-W5AP Datasheet HTML 6Page - OSRAM GmbH LA-W5AP Datasheet HTML 7Page - OSRAM GmbH LA-W5AP Datasheet HTML 8Page - OSRAM GmbH LA-W5AP Datasheet HTML 9Page - OSRAM GmbH LA-W5AP Datasheet HTML 10Page - OSRAM GmbH LA-W5AP Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LR W5AP, LA W5AP, LY W5AP
2009-12-07
7
Durchlassstrom
2) Seite 15
Forward Current
2) page 15
I
F = f (VF); TA = 25 °C
Relativer Lichtstrom
2)5) Seite 15
Relative Luminous Flux
2) 5) page 15
Φ
V/ΦV(1,4 A) = f (IF); TA = 25 °C
Relativer Lichtstrom
2) Seite 15
Relative Luminous Flux
2) page 15
Φ
V/ΦV(25 °C)= f (Tj); IF = 1,4 A
OHL03514
mA
1.7
F
V
F
I
10
4
10
2
5
10
5
3
V
1.9
2.1
2.3
2.5
2.7
OHL03657
I
F
10
1
mA
-1
10
10
-2
10
0
1
10
5
5
V (1.4 A)
Φ
Φ
V
5
2
10
5
3
10
4
10
yellow
amber, red
-40
0
Tj
OHL03658
˚C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
2.0
(25 ˚C)
V
Φ
V
Φ
-20
0
20 40 60 80
120
yellow
amber, red



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com