Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7C164-20 Datasheet(PDF) 8 Page - Alliance Semiconductor Corporation

Part # AS7C164-20
Description  5V 8K X 8 CMOS SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C164-20 Datasheet(HTML) 8 Page - Alliance Semiconductor Corporation

  AS7C164-20 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C164-20 Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
$6&
Š

Y
$OOLDQFH6HPLFRQGXFWRU
RI
© Copyright Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks
of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data
contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development,
significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide,
any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties
related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in
Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not
convey a license under any patent rights, copyrights, mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in
life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer
assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use
3DFNDJHGLPHQVLRQV
2UGHULQJFRGHV
3DUWQXPEHULQJV\VWHP
Package\
Access time
Volt/Temp
12 ns
15 ns
20 ns
Plastic SOJ\300 mL
5V commercial
AS7C164-12JC
AS7C164-15JC
AS7C164-20JC
AS7C
164
X
–XX
X
C
SRAM prefix
Device number
Blank = Standard power
Access time
Package code:
J=SOJ 300 mil
Commercial
temperature range,
0°C to 70°C
28-pin SOJ in mil
Min
Max
A
-
0.140
A1
0.025
-
A2
0.095
0.105
B0.028 TYP
b0.018 TYP
c0.010 TYP
D
-
0.730
E
0.245
0.285
E1
0.295
0.305
E2
0.327
0.347
e
0.050 BSC
H
'
(
3LQ 
E
%
$
$
F
(
Seating
Plane
(
$
300 mil 28-pin SOJ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com