Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-2200 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-2200
Description  Suitable for reflow soldering
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-2200 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-2200 Datasheet HTML 1Page - OSRAM GmbH SFH-2200 Datasheet HTML 2Page - OSRAM GmbH SFH-2200 Datasheet HTML 3Page - OSRAM GmbH SFH-2200 Datasheet HTML 4Page - OSRAM GmbH SFH-2200 Datasheet HTML 5Page - OSRAM GmbH SFH-2200 Datasheet HTML 6Page - OSRAM GmbH SFH-2200 Datasheet HTML 7Page - OSRAM GmbH SFH-2200 Datasheet HTML 8Page - OSRAM GmbH SFH-2200 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2017-06-23
1
2017-06-23
Silicon PIN Photodiode
Version 1.3
SFH 2200
Ordering Information
Features:
•
Suitable for reflow soldering
•
Especially suitable for applications from 400 nm to 1100 nm
•
small package: (WxDxH) 4 mm x 5.1 mm x 0.85mm
•
Solder control structure
Applications
•
Photointerrupters
•
Industrial electronics
•
Consumer electronics
•
For control and drive circuits
•
Remote control
Type:
Photocurrent
Spectral sensitivity
Ordering Code
IP [µA]
S [nA/Ix]
Ev = 1000 lx, white LED,
VR = 5 V
VR = 5 V, Std. Light A, T
= 2856 K
SFH 2200
8 (≥ 5)
71
Q65112A0250


Similar Part No. - SFH-2200

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
Suitable for reflow soldering
More results

Similar Description - SFH-2200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-MB00 AVAGO-ASMT-MB00 Datasheet
324Kb / 10P
Moonstone 1 W Power LED Light Source Suitable for reflow soldering process
logo
List of Unclassifed Man...
HZ1206D102R-10 ETC2-HZ1206D102R-10 Datasheet
266Kb / 1P
LAND PATTERNS FOR REFLOW SOLDERING
logo
Vanlong Technology Co.,...
MD-MP VANLONG-MD-MP Datasheet
52Kb / 1P
Suitable for surface mount and reflow soldering
logo
Abracon Corporation
ASAK ABRACON-ASAK Datasheet
1Mb / 3P
Suitable for RoHS compliant reflow
11.09.15
ASVTX13 ABRACON-ASVTX13 Datasheet
1Mb / 4P
Suitable for RoHS complaint reflow
01.27.2017
logo
OSRAM GmbH
BP104SR OSRAM-BP104SR Datasheet
434Kb / 13P
Suitable for reflow soldering
SFH2200FA OSRAM-SFH2200FA Datasheet
604Kb / 13P
Suitable for reflow soldering
SFH2201 OSRAM-SFH2201 Datasheet
488Kb / 12P
Suitable for reflow soldering
SFH-2200-FA OSRAM-SFH-2200-FA Datasheet
604Kb / 13P
Suitable for reflow soldering
SFH-2201 OSRAM-SFH-2201 Datasheet
488Kb / 12P
Suitable for reflow soldering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com