Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-3010 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-3010
Description  Silicon NPN Phototransistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3010 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-3010 Datasheet HTML 1Page - OSRAM GmbH SFH-3010 Datasheet HTML 2Page - OSRAM GmbH SFH-3010 Datasheet HTML 3Page - OSRAM GmbH SFH-3010 Datasheet HTML 4Page - OSRAM GmbH SFH-3010 Datasheet HTML 5Page - OSRAM GmbH SFH-3010 Datasheet HTML 6Page - OSRAM GmbH SFH-3010 Datasheet HTML 7Page - OSRAM GmbH SFH-3010 Datasheet HTML 8Page - OSRAM GmbH SFH-3010 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2015-12-08
1
2015-12-08
Silicon NPN Phototransistor
Version 1.2 (not for new design in automotive applications)
SFH 3010
Ordering Information
Features:
•
Spectral range of sensitivity:
(typ) 420 ... 1100 nm
•
Package: SmartLED (SCD 80), Epoxy, colourless, slightly diffused
•
Special: Very small SMT package: (LxBxH) 1.7 mm x 0.8mm x 0.65 mm
•
Large viewing angle ± 80°
•
Available only on tape and reel
Applications
•
Miniature photointerrupters
•
Sensor technology (e.g. mobile phone)
•
For control and drive circuits
Type:
Photocurrent
Ordering Code
I
PCE [µA]
λ = 950 nm, E
e = 0.5 mW/cm
2,
V
CE = 5 V
SFH 3010
≥ 25
Q65110A6458


Similar Part No. - SFH-3010

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-3015-FA OSRAM-SFH-3015-FA Datasheet
451Kb / 14P
Silicon NPN Phototransistor
More results

Similar Description - SFH-3010

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
Silicon NPN Phototransistor
24-May-02
BPW17N VISHAY-BPW17N_05 Datasheet
348Kb / 7P
Silicon NPN Phototransistor
08-Mar-05
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
Silicon NPN Phototransistor,
08-Sep-08
BPW96B VISHAY-BPW96B Datasheet
109Kb / 5P
Silicon NPN Phototransistor
05-Sep-08
VEMT2000X01 VISHAY-VEMT2000X01 Datasheet
138Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT2500X01 VISHAY-VEMT2500X01_11 Datasheet
140Kb / 8P
Silicon NPN Phototransistor
21-Feb-11
VEMT3700F VISHAY-VEMT3700F_10 Datasheet
127Kb / 6P
Silicon NPN Phototransistor
14-Jul-10
VEMT2523SLX01 VISHAY-VEMT2523SLX01 Datasheet
135Kb / 6P
Silicon NPN Phototransistor
05-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com