Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4046 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-4046
Description  High Power Infrared Emitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4046 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-4046 Datasheet HTML 1Page - OSRAM GmbH SFH-4046 Datasheet HTML 2Page - OSRAM GmbH SFH-4046 Datasheet HTML 3Page - OSRAM GmbH SFH-4046 Datasheet HTML 4Page - OSRAM GmbH SFH-4046 Datasheet HTML 5Page - OSRAM GmbH SFH-4046 Datasheet HTML 6Page - OSRAM GmbH SFH-4046 Datasheet HTML 7Page - OSRAM GmbH SFH-4046 Datasheet HTML 8Page - OSRAM GmbH SFH-4046 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2012-12-18
1
2012-12-18
High Power Infrared Emitter (940 nm)
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
Version 1.0
SFH 4046
Features:
Besondere Merkmale:
• Very small package: (LxWxH) 3.2 mm x 1.6 mm x 1
mm
• Sehr kleines Gehäuse: (LxBxH) 3.2 mm x 1.6mm x
1 mm
• High optical total power
• Sehr hohe Gesamtleistung
Applications
Anwendungen
• Industrial applications
• Industrie Anwendungen
• Miniature photointerrupters
• Miniaturlichtschranken
• Mobile devices
• Mobile Geräte
• Proximity sensor
• Näherungssensor
• For control and drive circuits
• „Messen/Steuern/Regeln”
Notes
Hinweise
Depending on the mode of operation, these devices
emit highly concentrated non visible infrared light
which can be hazardous to the human eye. Products
which incorporate these devices have to follow the
safety precautions given in IEC 60825-1 and IEC
62471.
Je nach Betriebsart emittieren diese Bauteile
hochkonzentrierte, nicht sichtbare
Infrarot-Strahlung, die gefährlich für das
menschliche Auge sein kann. Produkte, die diese
Bauteile enthalten, müssen gemäß den
Sicherheitsrichtlinien der IEC-Normen 60825-1 und
62471 behandelt werden.


Similar Part No. - SFH-4046

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4043 OSRAM-SFH-4043 Datasheet
478Kb / 13P
CHIPLED짰 with High Power Infrared Emitter
SFH-4045 OSRAM-SFH-4045 Datasheet
346Kb / 8P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
High Power Infrared Emitter
More results

Similar Description - SFH-4046

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
High Power Infrared Emitter
logo
OSRAM GmbH
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
High Power Infrared Emitter
SFH-4240 OSRAM-SFH-4240 Datasheet
454Kb / 13P
High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4557 OSRAM-SFH-4557 Datasheet
402Kb / 9P
High Power Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com