Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4052 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # SFH-4052
Description  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4052 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button SFH-4052 Datasheet HTML 4Page - OSRAM GmbH SFH-4052 Datasheet HTML 5Page - OSRAM GmbH SFH-4052 Datasheet HTML 6Page - OSRAM GmbH SFH-4052 Datasheet HTML 7Page - OSRAM GmbH SFH-4052 Datasheet HTML 8Page - OSRAM GmbH SFH-4052 Datasheet HTML 9Page - OSRAM GmbH SFH-4052 Datasheet HTML 10Page - OSRAM GmbH SFH-4052 Datasheet HTML 11Page - OSRAM GmbH SFH-4052 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2016-01-27
8
Version 1.2
SFH 4052
Taping
Dimensions in mm [inch].
Tape and Reel
8 mm tape with 2000 pcs. on ∅ 180 mm reel
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com