Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3753 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3753
Description  Active Clamp Forward Converter with Synchronous Rectification
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3753 Datasheet(HTML) 2 Page - Linear Technology

  LT3753 Datasheet HTML 1Page - Linear Technology LT3753 Datasheet HTML 2Page - Linear Technology LT3753 Datasheet HTML 3Page - Linear Technology LT3753 Datasheet HTML 4Page - Linear Technology LT3753 Datasheet HTML 5Page - Linear Technology LT3753 Datasheet HTML 6Page - Linear Technology LT3753 Datasheet HTML 7Page - Linear Technology LT3753 Datasheet HTML 8Page - Linear Technology LT3753 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
dc2324aabcfa
DEMO MANUAL DC2324A-A,
DC2324A-B, DC2324A-C
Quick start proceDure
Demonstration circuit 2324A is easy to set up to evalu-
ate the performance of the LT3753. Refer to Figure 1 for
proper measurement equipment setup and follow the
procedure below:
1. Set an input power supply that is capable of cover-
ing the input voltage range of the DC2324A (see the
PerformanceSummarytable)tooneofthesevoltages:
48V for the DC2324A-A,
24V for the DC2324A-B,
12V for the DC2324A-C.
Then turn off the supply.
2. With power off, connect the supply to the input ter-
minals +VIN and –VIN. If efficiency measurements are
desired, an ammeter with proper rating can be put in
series with the input supply in order to measure the
DC2324A’s input current.
3. Turn on the power at the input.
NOTE:Makesurethattheinputvoltagedoesnotexceed
100V.
4. Check for the proper output voltage of 24V. Turn off
the power at the input.
5. Oncetheproperoutputvoltageisestablished,connect
a variable load capable of sinking 5A at 24V to the
output terminals +VOUT and –VOUT. Set the current
for 0A.
a. If efficiency measurements are desired, an ammeter
that is capable of handling 5ADC can be put in series
withtheoutputloadinordertomeasuretheDC2324A’s
output current.
b. A voltmeter can be placed across the output terminals
in order to get an accurate output voltage measure-
ment.
6. Turn on the power at the input.
NOTE: If there is no output, temporarily disconnect
the load to make sure that the load is not set too high.
7. Once the proper output voltage is again established,
adjust the load within the operating range and observe
theoutputvoltageregulation,ripplevoltage,efficiency
and other desired parameters.
NOTE:Whenmeasuringtheinputoroutputvoltageripples,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the +VIN
and –VIN, or +VOUT and –VOUT terminals.
performance summary Dc2324a-c Specifications are at T
A = 25°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Range
9
18
V
VOUT
Output Voltage
21.6
24
26.4
V
IOUT
Maximum Output Current, Continuous
4
A
fSW
Switching (Clock) Frequency
240
kHz
VOUT P-P
Output Ripple
VIN = 12V, IOUT = 4A (20MHz BW)
30
mVP–P
POUT/PIN
Efficiency (see Figure 4)
VIN = 12V, IOUT = 4A
94.8
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com