Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8301 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8301
Description  42VIN Micropower Isolated Flyback Converter with 65V/1.2A Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8301 Datasheet(HTML) 3 Page - Linear Technology

  LT8301 Datasheet HTML 1Page - Linear Technology LT8301 Datasheet HTML 2Page - Linear Technology LT8301 Datasheet HTML 3Page - Linear Technology LT8301 Datasheet HTML 4Page - Linear Technology LT8301 Datasheet HTML 5Page - Linear Technology LT8301 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2138bfa
DEMO MANUAL DC2138B
QUICK START PROCEDURE
Figure 2. Proper Scope Probe Placement for Measuring Input or Output Ripple
Figure 5. Radiated EMI Vertical polarization, CISPR 25 Peak Limit 5, 14VIN, 0.7A
Figure 3. Typical Efficiency Curves
Figure 4. Typical Regulation Curves
INPUT OR OUTPUT CAPACITOR
LOAD CURRENT (A)
0
90
80
70
85
75
65
60
0.2
0.6
dc2138a F03
1.0
0.4
0.8
VIN = 12V
VIN = 24V
VIN = 32V
LOAD CURRENT (A)
0.006
5.25
5.15
5.10
5.05
4.85
5.20
4.95
4.90
5.00
4.80
4.75
0.206
0.606
dc2138a F04
0.406
0.806
VIN = 12V
VIN = 24V
VIN = 32V
FREQUENCY (MHz)
0
50
45
35
25
15
5
40
30
20
10
0
–5
400
800
200
600
dc2138a F05
1000
300
700
100
500
900
DATA
CLASS 5 PEAK



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com