| Electronic Components Datasheet Search |
|
HT46R24 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R24 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc |
|
21 / 49 page ![]() HT46R24/HT46C24 Rev. 1.50 21 May 3, 2004 The following two programming examples illustrate how to setup and implement an A/D conversion. In the first exam- ple, the method of polling the EOCB bit in the ADCR register is used to detect when the conversion cycle is complete, whereas in the second example, the A/D interrupt is used to determine when the conversion is complete. Example: using EOCB Polling Method to detect end of conversion clr INTC1.0 ; disable A/D interrupt in interrupt control register mov a,00100000B mov ADCR,a ; setup ADCR register to configure Port PB0~PB3 as A/D inputs and select ; AN0 to be connected to the A/D converter mov a,00000001B mov ACSR,a ; setup the ACSR register to select fSYS/8 as the A/D clock Start_conversion: clr ADCR.7 set ADCR.7 ; reset A/D clr ADCR.7 ; start A/D Polling_EOC: sz ADCR.6 ; poll the ADCR register EOCB bit to detect end of A/D conversion jmp polling_EOC ; continue polling mov a,ADRH ; read conversion result from the high byte ADRH register mov adrh_buffer,a ; save result to user defined register mov a,ADRL ; read conversion result from the low byte ADRL register mov adrl_buffer,a ; save result to user defined register : : jmp start_conversion ; start next A/D conversion Example: using Interrupt method to detect end of conversion set INTC0.0 ; interrupt global enable set INTC1.0 ; enable A/D interrupt in interrupt control register mov a,00100000B mov ADCR,a ; setup ADCR register to configure Port PB0~PB3 as A/D inputs and select ; AN0 to be connected to the A/D converter mov a,00000001B mov ACSR,a ; setup the ACSR register to select fSYS/8 as the A/D clock start_conversion: clr ADCR.7 set ADCR.7 ; reset A/D clr ADCR.7 ; start A/D : : ; interrupt service routine EOC_service routine: mov a_buffer,a ; save ACC to user defined register mov a,ADRH ; read conversion result from the high byte ADRH register mov adrh_buffer,a ; save result to user defined register mov a,ADRL ; read conversion result from the low byte ADRL register mov adrl_buffer,a ; save result to user defined register clr ADCR.7 set ADCR.7 ; reset A/D clr ADCR.7 ; start A/D mov a,a_buffer ; restore ACC from temporary storage reti |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |