Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8640 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8640
Description  42V, 5A Micropower Synchronous Step-Down Silent Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8640 Datasheet(HTML) 2 Page - Linear Technology

  LT8640 Datasheet HTML 1Page - Linear Technology LT8640 Datasheet HTML 2Page - Linear Technology LT8640 Datasheet HTML 3Page - Linear Technology LT8640 Datasheet HTML 4Page - Linear Technology LT8640 Datasheet HTML 5Page - Linear Technology LT8640 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2202af
DEMO MANUAL DC2202A
Quick start proceDure
LOAD CURRENT (A)
60
70
100
65
75
80
90
85
95
1.5
DC2202A F01
5
1
0.5
2
3.5
4.5
3
2.5
4
VIN = 12V
VIN = 24V
VOUT = 5V
fSW = 2MHz
SYNC/MODE = GND
INPUT VOLTAGE (V)
10
40
100
30
20
50
60
80
70
90
18
DC2202A F02
42
12
6
24
35
30
VOUT = 5V
fSW = 2MHz
IOUT = 5A
IOUT = 4.5A
IOUT = 4A
IOUT = 3.5A
40
45
50
35
30
25
20
15
10
–5
0
5
FREQUENCY (MHz)
0
900
100
200
300
500
400
600
700
800
1000
40
45
50
35
30
25
20
15
10
–5
0
5
FREQUENCY (MHz)
0
900
100
200
300
500
400
600
700
800
1000
DC2202A DEMO BOARD
(WITH EMI FILTER INSTALLED)
14V INPUT TO 5V OUTPUT AT 4A, fSW = 2MHz
DC2202A F03
CLASS 5 PEAK LIMIT
BURST MODE
SPREAD SPECTRUM MODE
HORIZONTAL POLARIZATION
PEAK DETECTOR
CLASS 5 PEAK LIMIT
BURST MODE
SPREAD SPECTRUM MODE
VERTICAL POLARIZATION
PEAK DETECTOR
Figure 1. LT8640 Demo Circuit DC2202A Efficiency
vs Load Current (Input from VIN Turret Pin)
Figure 2. LT8640 Demo Circuit DC2202A
Temperature Rising vs Input Voltage
Figure 3. LT8640 Demo Circuit DC2202A EMI Performance in CISPR25
Radiated Emission Test (14V Input from VEMI Turret Pin, IOUT = 4A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com