Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2341 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2341
Description  16-/18-Bit, Dual 666ksps, SAR ADC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2341 Datasheet(HTML) 4 Page - Linear Technology

  LTC2341 Datasheet HTML 1Page - Linear Technology LTC2341 Datasheet HTML 2Page - Linear Technology LTC2341 Datasheet HTML 3Page - Linear Technology LTC2341 Datasheet HTML 4Page - Linear Technology LTC2341 Datasheet HTML 5Page - Linear Technology LTC2341 Datasheet HTML 6Page - Linear Technology LTC2341 Datasheet HTML 7Page - Linear Technology LTC2341 Datasheet HTML 8Page - Linear Technology LTC2341 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
dc2581af
DEMO MANUAL DC2581A
Reference
The default reference is the LTC2341 internal 4.096V
reference. Alternatively, if a higher reference voltage is
desired, the LTC6655-5 reference (U7) can be used by
setting the REF jumper (JP1) to the EXT position and
installing a 0Ω resistor in the R7 position. This should
result in better SNR performance but may slightly degrade
the THD performance of the LTC2341.
Analog Inputs
Both inputs have the same driver circuitry. The circuit of
Figure2showsthedriverforAIN0.ItprovidesaDCcoupled
single-ended to fully differential output to the analog inputs
of the LTC2341 with a maximum 0V-4.096V input signal.
DC890 Data Collection
For SINAD, THD or SNR testing a low noise, low distortion
generatorsuchastheB&KType1051orStanfordResearch
SR1 should be used. A low jitter RF oscillator such as the
Rohde & Schwarz SMB100A is used to drive the clock
input. This demo board is tested in house by attempting
to duplicate the FFT plot shown in Typical Performance
Characteristics section of the LTC2341 data sheet. This
involves using a 60MHz clock source, along with a sinu-
soidalgeneratoratafrequencyofapproximately2kHz.The
input signal level is approximately –1dBFS. A typical FFT
obtained with DC2581A is shown in Figure 3. Note that
to calculate the real SNR, the signal level (F1 amplitude =
–1.133dB) has to be added back to the SNR that PScope
displays. With the example shown in Figure 3 this means
that the actual SNR would be 94.63dB instead of the
93.50dB that PScope displays. Taking the RMS sum of the
recalculated SNR and the THD yields a SINAD of 94.58dB
which is fairly close to the typical number for this ADC.
DC2581A SETUP
To change the default settings for the LTC2341 in PScope,
click on the Set Demo Bd Options button in the PScope
tool bar shown in Figure 4. This will open the Configure
Channels menu of Figure 5. In this menu it is possible to
set the input signal range setting for each channel. There
is also a button to return PScope to the default DC2581A
settings which are optimized for the default hardware
settings of the DC2581A.
Thereareanumberofscenariosthatcanproducemislead-
ing results when evaluating an ADC. One that is common
is feeding the converter with an input frequency that is
a sub-multiple of the sample rate, and which will only
exercise a small subset of the possible output codes.
The proper method is to pick an M/N frequency for the
input sine wave frequency. N is the number of samples
in the FFT. M is a prime number between one and N/2.
Multiply M/N by the sample rate to obtain the input sine
wave frequency. Another scenario that can yield poor
results is if you do not have a signal generator capable of
ppm frequency accuracy or if it cannot be locked to the
clock frequency. You can use an FFT with windowing to
reduce the “leakage” or spreading of the fundamental, to
get a close approximation of the ADC performance. If an
amplifier or clock source with poor phase noise is used,
the windowing will not improve the SNR.
DC590/DC2026 Data Collection
Due to the relatively low and somewhat unpredictable
sample rate of the DC590/DC2026 its usefulness is lim-
ited to noise measurement and data collection of slowly
moving signals. A typical data capture and histogram are
shown in Figure 6. To change the default settings for the
LTC2341 in QuikEval, click on the Channel Config but-
ton. This will open the Config Dialog menu of Figure 7.
In this menu it is possible to set the input signal range for
each sequence. There is also a button to return QuikEval
to the default DC2581A settings which are optimized for
the default hardware settings of the DC2581A.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com